Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER37LE Datasheet HTML 1Page - STMicroelectronics VIPER37LE Datasheet HTML 2Page - STMicroelectronics VIPER37LE Datasheet HTML 3Page - STMicroelectronics VIPER37LE Datasheet HTML 4Page - STMicroelectronics VIPER37LE Datasheet HTML 5Page - STMicroelectronics VIPER37LE Datasheet HTML 6Page - STMicroelectronics VIPER37LE Datasheet HTML 7Page - STMicroelectronics VIPER37LE Datasheet HTML 8Page - STMicroelectronics VIPER37LE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
February 2012
Doc ID 022218 Rev 1
1/35
35
VIPER37
VIPerPlus family: fixed frequency offline converter
Features
■ 800 V avalanche rugged power section
■ PWM operation with adjustable limiting current
■ 30 mW standby power at 265 Vac
■ Operating frequency:
– 60 kHz for L type
– 115 kHz for H type
■ Frequency jittering for low EMC
■ Output overvoltage protection
■ High primary current protection (2nd OCP)
■ Input undervoltage setting (brownout)
■ Onboard soft-start
■ Safe auto-restart after a fault condition
■ Hysteretic thermal shutdown
Applications
■ SMPS for set-top boxes, DVD players and
recorders, white goods
■ Auxiliary power supply for consumer and home
equipment
■ ATX auxiliary power supply
■ Low / medium power AC-DC adapters
Description
This device is an offline converter with an 800 V
rugged power section, a PWM control, two levels
of overcurrent protection, overvoltage and
overload protection, hysteretic thermal protection,
soft-start, and safe auto-restart after the removal
of any fault condition. Burst mode operation and
very low device consumption help to meet the
standby energy saving regulations.
Advance frequency jittering reduces EMI filter
costs. Brownout function protects the switch
mode power supply when the rectified input
voltage level is below the normal minimum level
specified for the system. The high voltage startup
circuit is embedded in the device.
Figure 1.
Typical topology
SDIP10
DC input high voltage
wide range
+
DC Output voltage
-
+
VIPER37
DRAIN
DRAIN
DRAIN DRAIN DRAIN
BR
VDD
CONT
FB
GND
Table 1.
Device summary
Order codes
Package
Packaging
VIPER37LE
SDIP10
Tube
VIPER37HE
www.st.com


Similar Part No. - VIPER37LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results

Similar Description - VIPER37LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
VIPER38 STMICROELECTRONICS-VIPER38 Datasheet
934Kb / 31P
VIPerPlus family: peak power high-voltage converter
July 2015 Rev 2
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
logo
Monolithic Power System...
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
Fixed-Frequency Flyback Converter EV Board
HF920 MPS-HF920 Datasheet
1Mb / 26P
900V, Fixed-Frequency, Offline Regulator w/ Ultra-Low Standby Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com