Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER37LE Datasheet HTML 15Page - STMicroelectronics VIPER37LE Datasheet HTML 16Page - STMicroelectronics VIPER37LE Datasheet HTML 17Page - STMicroelectronics VIPER37LE Datasheet HTML 18Page - STMicroelectronics VIPER37LE Datasheet HTML 19Page - STMicroelectronics VIPER37LE Datasheet HTML 20Page - STMicroelectronics VIPER37LE Datasheet HTML 21Page - STMicroelectronics VIPER37LE Datasheet HTML 22Page - STMicroelectronics VIPER37LE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
VIPER37
Operation description
Doc ID 022218 Rev 1
19/35
8
Operation description
The device is a high-performance low-voltage PWM controller chip with an 800 V avalanche
rugged power section.
The controller includes: the oscillator with jittering feature, the startup circuits with soft-start
feature, the PWM logic, the current limit circuit with adjustable set point, the second
overcurrent circuit, the burst mode management, the brownout circuit, the UVLO circuit, the
auto-restart circuit, and the thermal protection circuit.
The current limit set-point is set by the CONT pin. The burst mode operation guarantees
high performance in standby mode and helps to accomplish the energy saving norm.
All the fault protections are built in auto-restart mode with very low repetition rate to prevent
the IC overheating.
8.1
Power section and gate driver
The power section is implemented with an avalanche ruggedness N-channel MOSFET,
which guarantees safe operation within the specified energy rating as well as high dv/dt
capability. The power section has a BVDSS of 800 V min. and a typical RDS(on) of 4.5 Ω
at 25
° C.
The integrated SenseFET structure allows a virtually loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the power section cannot be turned on
accidentally.
8.2
High voltage startup generator
The HV current generator is supplied through the DRAIN pin and is enabled only if the input
bulk capacitor voltage is higher than the VDRAIN_START threshold, 80 VDC (typical). When the
HV current generator is ON, the IDDch current (3 mA typical value) is delivered to the
capacitor on the VDD pin. In the case of auto-restart mode after a fault event, the IDDch
current is reduced to 0.6 mA, in order to have a slow duty cycle during the restart phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com