Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER37LE Datasheet HTML 16Page - STMicroelectronics VIPER37LE Datasheet HTML 17Page - STMicroelectronics VIPER37LE Datasheet HTML 18Page - STMicroelectronics VIPER37LE Datasheet HTML 19Page - STMicroelectronics VIPER37LE Datasheet HTML 20Page - STMicroelectronics VIPER37LE Datasheet HTML 21Page - STMicroelectronics VIPER37LE Datasheet HTML 22Page - STMicroelectronics VIPER37LE Datasheet HTML 23Page - STMicroelectronics VIPER37LE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Operation description
VIPER37
20/35
Doc ID 022218 Rev 1
8.3
Power-up and soft-start
If the input voltage rises up to the device start threshold VDRAIN_START, the VDD voltage
begins to grow due to the IDDch current (see Table 7) coming from the internal high voltage
startup circuit. If the VDD voltage reaches the VDDon threshold (see Table 7), the Power
MOSFET starts switching and the HV current generator is turned off (see
Figure 25).
The IC is powered by the energy stored in the capacitor on the VDD pin, CVDD, until the self-
supply circuit (typically an auxiliary winding of the transformer and a steering diode)
develops a voltage high enough to sustain the operation.
The CVDD capacitor must be sized correctly in order to avoid fast discharge and keep the
needed voltage value higher than the VDDoff threshold. In fact, a too low capacitance value
could terminate the switching operation before the controller receives any energy from the
auxiliary winding.
The following formula can be used for the VDD capacitor calculation:
Equation 1
The tSSaux is the time needed for the steady-state of the auxiliary voltage. This time is
estimated by the applicator according to the output stage configurations (transformer, output
capacitances, etc.).
During the converter startup time, the drain current limitation is progressively increased to
the maximum value. In this way the stress on the secondary diode is considerably reduced.
It also helps to prevent transformer saturation. The soft-start time lasts 8.5 ms and the
feature is implemented for every attempt of the startup converter or after a fault.
C
VDD
I
DDch
t
SSaux
×
V
DDon
V
DDoff
–
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com