Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPER37LE Datasheet HTML 24Page - STMicroelectronics VIPER37LE Datasheet HTML 25Page - STMicroelectronics VIPER37LE Datasheet HTML 26Page - STMicroelectronics VIPER37LE Datasheet HTML 27Page - STMicroelectronics VIPER37LE Datasheet HTML 28Page - STMicroelectronics VIPER37LE Datasheet HTML 29Page - STMicroelectronics VIPER37LE Datasheet HTML 30Page - STMicroelectronics VIPER37LE Datasheet HTML 31Page - STMicroelectronics VIPER37LE Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Operation description
VIPER37
28/35
Doc ID 022218 Rev 1
Figure 30.
FB pin configuration 1
Figure 31.
FB pin configuration 2
8.11
Burst mode operation at no load or very light load
When the load decreases, the feedback loop reacts by lowering the feedback pin voltage. If
it falls below the burst mode threshold, VFBbm, the Power MOSFET is no longer allowed to
be switched on. After the MOSFET stops, as a result of the feedback reaction to the energy
delivery stop, the feedback pin voltage increases and when it exceeds the level, VFBbm +
VFBbmhys, the power MOSFET starts switching again. The burst mode thresholds are
reported in
Table 8 and Figure 32 shows this behavior. Depending on the output load, the
power alternates between periods of time in which the Power MOSFET is switching and is
enabled, with periods of time when the Power MOSFET is not switching; this working mode
is called burst mode. The power delivered to the output during switching periods exceeds
the load power demands; the excess of power is balanced from the non-switching period
where no power is processed. The advantage of burst mode operation is an average
switching frequency much lower then the normal operation working frequency, up to a few
hundred hertz, minimizing all frequency related losses. During burst mode the drain current
peak is clamped to the level, ID_BM, reported in Table 8.
From sense FET
4.8V
BURST
PWM
CONTROL
Cfb
To PWM Logic
BURST-MODE
REFERENCES
BURST-MODE
LOGIC
+
-
PWM
+
-
OLP comparator
To disable logic
4.8V
From sense FET
PWM
CONTROL
+
-
PWM
BURST
To disable logic
+
-
OLP comparator
To PWM Logic
BURST-MODE
LOGIC
Cfb1
Rfb1
Cfb
BURST-MODE
REFERENCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com