Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER37LE Datasheet HTML 6Page - STMicroelectronics VIPER37LE Datasheet HTML 7Page - STMicroelectronics VIPER37LE Datasheet HTML 8Page - STMicroelectronics VIPER37LE Datasheet HTML 9Page - STMicroelectronics VIPER37LE Datasheet HTML 10Page - STMicroelectronics VIPER37LE Datasheet HTML 11Page - STMicroelectronics VIPER37LE Datasheet HTML 12Page - STMicroelectronics VIPER37LE Datasheet HTML 13Page - STMicroelectronics VIPER37LE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical data
VIPER37
10/35
Doc ID 022218 Rev 1
Table 8.
Controller section (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Overcurrent protection (2nd OCP)
IDMAX
Second overcurrent
threshold
1.7
A
Overvoltage protection
VOVP
Overvoltage protection
threshold
2.733.3
V
TSTROBE
Overvoltage protection
strobe time
2.2
us
Brownout protection
VBRth
Brownout threshold
Voltage falling
0.41
0.45
0.49
V
VBRhyst
Voltage hysteresis above
VBRth
Voltage rising
50
mV
IBRhyst
Current hysteresis
7
12
µA
VBRclamp
Clamp voltage
IBR = 250 µA
3
V
VDIS
Brownout disable voltage
50
150
mV
Thermal shutdown
TSD
Thermal shutdown
temperature
150
160
°C
THYST
Thermal shutdown
hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com