Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37LE Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER37LE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37LE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER37LE Datasheet HTML 18Page - STMicroelectronics VIPER37LE Datasheet HTML 19Page - STMicroelectronics VIPER37LE Datasheet HTML 20Page - STMicroelectronics VIPER37LE Datasheet HTML 21Page - STMicroelectronics VIPER37LE Datasheet HTML 22Page - STMicroelectronics VIPER37LE Datasheet HTML 23Page - STMicroelectronics VIPER37LE Datasheet HTML 24Page - STMicroelectronics VIPER37LE Datasheet HTML 25Page - STMicroelectronics VIPER37LE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Operation description
VIPER37
22/35
Doc ID 022218 Rev 1
Figure 26.
Timing diagram: soft-start
8.4
Power down operation
At converter power down, the system loses regulation as soon as the input voltage is so low
that the peak current limitation is reached. The VDD voltage drops and when it falls below
the VDDoff threshold (see Table 7) the Power MOSFET is switched OFF, the energy transfers
to the IC interrupted and consequently the VDD voltages decrease, Figure 25. Later, if the
VIN is lower than VDRAIN_START (see Table 7), the startup sequence is inhibited and the
power down completed. This feature is useful to prevent the converter’s restart attempts and
ensures monotonic output voltage decay during the system power down.
8.5
Auto-restart operation
If, after a converter power down, the VIN is higher than VDRAIN_START, the startup sequence
is not inhibited and is activated only when the VDD voltage drops below the VDD(RESTART)
threshold (see
Table 7). This means that the HV startup current generator restarts the VDD
capacitor charging only when the VDD voltage drops below VDD(RESTART). The scenario
described above is, for instance, a power down because of a fault condition. After a fault
condition, the charging current IDDch is 0.6 mA (typ.) instead of the 3 mA (typ.) of a normal
startup converter phase. This feature, together with the low VDD(RESTART) threshold,
ensures that, after a fault, the restart attempts of the IC have a very long repetition rate and
the converter works safely with extremely low power throughput.
Figure 27 shows the IC
behavior after a short-circuit event.
FBlin
V
V
FBolp
IDRAIN
V FB
tss
t
t
IDlim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com