Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 3Page - Linear Technology LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology LTC3530 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3530
7
3530fb
The LTC3530 provides high efficiency, low noise power
for a wide variety of handheld electronic devices. The
LTC proprietary topology allows input voltages above,
below or equal to the output voltage by properly phasing
the output switches. The error amp output voltage on VC
determines the output duty cycle of the switches. Since
VC is a filtered signal, it provides rejection of frequencies
from well below the switching frequency. The low RDS(ON),
low gate charge synchronous switches provide high fre-
quency pulse width modulation control at high efficiency.
High efficiency is achieved at light loads when Burst Mode
operation is entered and the LTC3530’s quiescent current
drops to a low 40μA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is programmed by an external
resistor from RT to ground, according to the following
equation:
f(kHz) =
33,170
RT(k )
Error Amp
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier (from FB to VC) to obtain stability of the converter.
For improved bandwidth, an additional R-C feed-forward
network can be placed across the upper feedback divider
resistor. The voltage on SHDN/SS clamps the error amp
output, VC, to provide a soft-start function.
Internal Current Limit
There are two different current limit circuits in the LTC3530.
Each has internally fixed thresholds which vary inversely
with VIN.
The first circuit is a high speed peak current limit compara-
tor that will shut off switch A once the current exceeds
2.5A typical. The delay to output of this comparator is
typically 50ns.
A second amplifier will source current out of FB to drop
the output voltage once the peak input current exceeds
2A typical. This method provides a closed loop means of
clamping the input current. During conditions where VOUT
is near ground, such as during a short-circuit or during
startup, this threshold is cut to 670mA (typ), providing a
foldback feature. For this current limit feature to be most
effective, the Thevenin resistance from FB to ground should
be greater than 100kΩ.
Reverse Current Limit
During fixed frequency operation, the LTC3530 operates
in forced continuous conduction mode. The reverse cur-
rent limit amplifier monitors the inductor current from
the output through switch D. Once the negative inductor
current exceeds 640mA typical, the LTC3530 will shut off
switch D.
Four-Switch Control
Figure 1 shows a simplified diagram of how the four in-
ternal switches are connected to the inductor, VIN, VOUT
and GND. Figure 2 shows the regions of operation for the
LTC3530 as a function of the internal control voltage, VCI.
3
SW1
4
SW2
PMOS A
NMOS B
7
VIN
PMOS D
NMOS C
3530 F01
6
VOUT
85%
DMAX
BOOST
DMIN
BOOST
DMAX
BUCK
DUTY
CYCLE
0%
V4 (≈1.5V)
V3 (≈1.15V)
BOOST REGION
BUCK REGION
BUCK/BOOST REGION
V2 (≈1V)
V1 (≈0.7V)
3530 F02
A ON, B OFF
PWM CD SWITCHES
D ON, C OFF
PWM AB SWITCHES
FOUR SWITCH PWM
INTERNAL
CONTROL
VOLTAGE, VCI
Figure 1. Simplified Diagram of Output Switches
Figure 2. Switch Control vs Internal Control Voltage, VCI
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com