Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 3 Page - Linear Technology

  LTC3530 Datasheet HTML 1Page - Linear Technology LTC3530 Datasheet HTML 2Page - Linear Technology LTC3530 Datasheet HTML 3Page - Linear Technology LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3530
3
3530fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3530E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlations
with statistical process controls.
Note 3: Current measurements are performed when the outputs are not
switching.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 33.2k, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NMOS Switch Leakage
Switches B and C
0.1
5
μA
PMOS Switch Leakage
Switches A and D
0.1
10
μA
NMOS Switch On Resistance
Switches B and C
0.21
Ω
PMOS Switch On Resistance
Switches A and D
0.24
Ω
Maximum Duty Cycle
Boost (% Switch C On)
Buck (% Switch A On)
l
l
80
100
90
%
%
Minimum Duty Cycle
l
0%
Frequency
l
0.7
1
1.3
MHz
Error Amp AVOL
90
dB
Error Amp Source Current
300
μA
Error Amp Sink Current
300
μA
Burst Threshold
1V
Burst Input Current
VBURST = 5.5V
2
μA
SHDN/SS Threshold
When IC is Enabled
When EA is at Maximum Boost Duty Cycle
l
0.4
0.85
1.6
1.4
V
V
SHDN/SS Input Current
VSHDN = 5.5V
0.01
1
μA
VIN (V)
2.5
4.0
5.0
3530 G01
3.0
3.5
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
5.5
2.0 MHz
1.5 MHz
1.0 MHz
0.5 MHz
NO SWITCHING
VIN (V)
2.5
3.0
3.5
4.0
4.5
3530 G02
5.0
50
45
40
35
30
25
20
15
10
5
0
5.5
VIN (V)
2.5
2.0
2.5
3.0
4.0
5.0
3530 G03
1.5
1.0
3.0
3.5
4.5
5.5
0.5
0.0
3.5
Quiescent Current vs VIN
(Fixed Frequency Mode)
Burst Mode Quiescent Current
TA = 25°C, unless otherwise specified.
Peak Current Clamp vs VIN
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com