Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology LTC3530 Datasheet HTML 11Page - Linear Technology LTC3530 Datasheet HTML 12Page - Linear Technology LTC3530 Datasheet HTML 13Page - Linear Technology LTC3530 Datasheet HTML 14Page - Linear Technology LTC3530 Datasheet HTML 15Page - Linear Technology LTC3530 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3530
13
3530fb
SW1
VIN
SHDN/SS
RT
SW2
VOUT
FB
VC
BURST
LTC3530
CIN
10μF
CSS
0.01μF
CIN: TAIYO YUDEN JMK212BJ106MG
COUT: TAIYO YUDEN JMK325BJ226MM
L1: TDK RLF7030T-3R3M4R
2.7V TO 4.2V
Li-Ion
RZ
10k
R1
1M
RFF
15k
L1
3.3μH
COUT
22μF
CZ1
33pF
VOUT
3.3V
500mA
R2
576k
CP1
560pF
3530 TA02
RT
33.2k
BURST FIXED FREQ
RSS
1M
GND
SW1
VIN
SHDN/SS
RT
SW2
VOUT
FB
VC
BURST
LTC3530
CIN: TAIYO YUDEN JMK212BJ106MG
COUT: TAIYO YUDEN JMK325BJ226MM
L1: TDK RLF7030T-4R7M3R4
RZ
10k
R1
1M
RBURST
200k
RFF
15k
CBURST
0.01μF
CZ1
33pF
VOUT
3.3V
500mA
R2
576k
CP1
560pF
3530 TA03
RSS
1M
L1
4.7μH
COUT
22μF
GND
+
IN1
IN2
VNTC
NTC
WALL
SHDN
SUSP
HPWR
OUT
Li-Ion
CELL
10μF
10μF
TIMER PROG
LTC4055
CLPROG
GND
BAT
CHRG
ACPR
0.1μF
97.6k
97.6k
SUSPEND USB POWER
500mA/100mA SELECT
5V (NOM)
FROM USB
CABLE VBUS
RT
33.2k
CSS
0.01μF
1MHz Li-Ion to 3.3V at 500mA Converter with Manual Mode Control
1MHz Li-Ion to 3.3V/600mA Converter with USB Power Input Option,
Li Battery Charger and Power Path Management.
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com