Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology LTC3530 Datasheet HTML 11Page - Linear Technology LTC3530 Datasheet HTML 12Page - Linear Technology LTC3530 Datasheet HTML 13Page - Linear Technology LTC3530 Datasheet HTML 14Page - Linear Technology LTC3530 Datasheet HTML 15Page - Linear Technology LTC3530 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3530
16
3530fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0807 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC3400/LTC3400B 600mA (ISW), 1.2MHz Synchronous Step-Up DC/DC Converter
VIN: 0.85V to 5V, VOUT(MAX) = 5V,
IQ = 19μA/300μA, ISD < 1μA, ThinSOT Package
LTC3401/LTC3402
1A/2A (ISW), 3MHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 5V, IQ = 38mA,
ISD < 1μA, MS Package
LTC3406/LTC3406B 600mA (IOUT), 1.5MHz Synchronous Step-Up DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA,
ISD ≤ 1μA, ThinSOT Package
LTC3407
600mA (IOUT), 1.5MHz Dual Synchronous Step-Up DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD ≤ 1μA, MS Package
LTC3411
1.25A (IOUT), 4MHz Synchronous Step-Up DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD ≤ 1μA, MS Package
LTC3412
2.5A (IOUT), 4MHz Synchronous Step-Up DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD ≤ 1μA, TSSOP16E Package
LTC3421
3A (ISW), 3MHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12μA,
ISD < 1μA, QFN Package
LTC3425
5A (ISW), 8MHz Multiphase Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12μA,
ISD < 1μA, QFN Package
LTC3429
600mA (ISW), 500kHz Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.4V, VOUT(MAX) = 5V, IQ = 20μA,
ISD < 1μA, QFN Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MAX) = 5.5V, IQ = 25μA,
ISD < 1μA, MS, DFN Package
LTC3441
600mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MAX) = 5.5V, IQ = 25μA,
ISD < 1μA, DFN Package
LTC3442/LTC3443
1.2A (IOUT), Synchronous Buck-Boost DC/DC Converters,
LTC3442 (1MHz), LTC3443 (600kHz)
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 28μA,
ISD < 1μA, MS Package
LTC3444
500mA (IOUT), 1.5MHz Synchronous Buck-Boost DC/DC Converter with
Wide VOUT Range
VIN: 2.7V to 5.5V, VOUT = 0.5V to 5.25V, 3mm x 3mm
DFN Package, Ideal for WCDMA PA Bias
LTC3532
500mA (IOUT), 2MHz Synchronous Buck-Boost DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = ISD < 1μA,
DFN Package
ThinSOT is a trademark of Linear Technology Corporation.
SW1
VIN
SHDN/SS
BURST
RT
SW2
VOUT
FB
VC
GND
3
7
8
2
1
4
6
9
10
5
LTC3530
L1
10μH
R1
1M
R2
324k
3530 TA05
RT
33.2k
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
D1, D2: ON SEMICONDUCTOR MBRM120T3
L1: SUMIDA CDRH4D28-100
*0 = Burst Mode OPERATION
1 = FIXED FREQUENCY
**
LOCATE COMPONENTS AS
CLOSE TO IC AS POSSIBLE
C1
10μF
C3
0.1μF
R4 1M
USB
4.35V TO
5.25V
2Ω
*
SD
C4
560pF
10k
fOSC = 1MHz
C2**
22μF
VOUT
5VIN – 435mA MAX
4.35VIN – 350mA MAX
D1**
1nF
D2**
15k
33pF
USB to 5V Converter with Output Disconnect
TYPICAL APPLICATION
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com