Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 5 Page - Linear Technology

  LTC3530 Datasheet HTML 1Page - Linear Technology LTC3530 Datasheet HTML 2Page - Linear Technology LTC3530 Datasheet HTML 3Page - Linear Technology LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3530
5
3530fb
Load Transient Response in Fixed
Frequency Mode, No Load to 300mA
Load Transient Response in
Auto Burst Mode Operation,
No Load to 500mA
Typical Burst Mode Waveforms
Transition from Burst Mode
Operation to Fixed Frequency Mode
Maximum Output Current vs VIN
100μs/DIV
3530 G13
VIN = 3.6V
VOUT = 3.3V
COUT = 22μF, X5R CERAMIC
LOAD
0.25A/DIV
VOUT
100mV/DIV
100μs/DIV
3530 G14
VIN = 3.6V
VOUT = 3.3V
COUT = 47μF, X5R CERAMIC + 100μF
LOW ESR TANTALUM
LOAD
0.25A/DIV
VOUT
100mV/DIV
22μs/DIV
3530 G15
COUT = 22μF, X5R CERAMIC
INDUCTOR
CURRENT
0.25A/DIV
VOUT
50mV/DIV
200μs/DIV
3530 G16
COUT = 22μF, X5R CERAMIC
INDUCTOR
CURRENT
0.5A/DIV
BURST
2V/DIV
VOUT
200mV/DIV
TA = 25°C, unless otherwise specified.
VIN (V)
IOUT
1.5
200
400
800
1000
1200
3.5
5.5
2000
3530 G17
600
2.5
4.5
1400
1600
1800
250mA AT 1.8V
RT (Pin 1): Programs the Frequency of the Internal Oscil-
lator. Connect a resister from RT to ground.
f(kHz) = 33,170/RT (kΩ)
BURST (Pin 2): Used to Set the Automatic Burst Mode
Threshold. Connect a resistor and capacitor in parallel
from this pin to ground. See the Applications Information
section for component value selection. For manual control,
ground the pin to force Burst Mode operation, connect to
VIN to force fixed frequency PWM mode.
SW1 (Pin 3): Switch Pin Where the Internal Switches A and
B are Connected. Connect inductor from SW1 to SW2. An
optional Schottky diode can be connnected from SW1 to
ground for a moderate efficiency improvement. Minimize
trace length to keep EMI down.
SW2 (Pin 4): Switch Pin Where the Internal Switches C
and D are Connected. For applications with output voltages
over 4.3V, a Schottky diode is required from SW2 to VOUT
to ensure the SW pin does not exhibit excessive voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com