Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology LTC3530 Datasheet HTML 11Page - Linear Technology LTC3530 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3530
8
3530fb
Depending on the control voltage, the IC will operate in
either buck, buck/boost or boost mode. The VCI voltage
is a level shifted voltage from the output of the error amp
(VC). The four power switches are properly phased so the
transfer between operating modes is continuous, smooth
and transparent to the user. When VIN approaches VOUT
the buck/boost region is reached where the conduction
time of the four switch region is typically 150ns. Referring
to Figures 1 and 2, the various regions of operation will
now be described.
Buck Region (VIN > VOUT)
Switch D is always on and switch C is always off during
this mode. When the internal control voltage, VCI, is above
voltage V1, output A begins to switch. During the off-time of
switch A, synchronous switch B turns on for the remainder
of the time. Switches A and B will alternate similar to a
typical synchronous buck regulator. As the control volt-
age increases, the duty cycle of switch A increases until
the maximum duty cycle of the converter in buck mode
reaches DMAX_BUCK, given by:
DMAX_BUCK = 100 – D4SW %
where D4SW = duty cycle % of the four switch range.
D4SW = (150ns • f) • 100 %
where f = operating frequency, Hz.
Beyond this point the “four switch,” or buck/boost region
is reached.
Buck/Boost or Four Switch (VIN ≈ VOUT)
When the internal control voltage, VCI, is above voltage
V2, switch pair AD remain on for duty cycle DMAX_BUCK,
and the switch pair AC begins to phase in. As switch pair
AC phases in, switch pair BD phases out accordingly.
When the VCI voltage reaches the edge of the buck/boost
range, at voltage V3, the AC switch pair completely phase
out the BD pair, and the boost phase begins at duty cycle
D4SW. The input voltage, VIN, where the four switch region
begins is given by:
VIN =
VOUT
1– (150ns • f)
The point at which the four switch region ends is given
by:
VIN = VOUT(1 – D) = VOUT(1 – 150ns • f) V
Boost Region (VIN < VOUT)
Switch A is always on and switch B is always off during
this mode. When the internal control voltage, VCI, is above
voltage V3, switch pair CD will alternately switch to provide
a boosted output voltage. This operation is typical of a
synchronous boost regulator. The maximum duty cycle
of the converter is limited to 90% typical and is reached
when VCI is above V4.
BURST MODE OPERATION
Burst mode reduces the LTC3530’s quiescent current
consumption at light loads and improves overall conver-
sion efficiency, increasing battery life. During Burst Mode
operation the LTC3530 delivers energy to the output until
it is regulated and then goes into sleep mode where the
outputs are off and quiescent current drops to 40μA (typ).
In this mode the output ripple has a variable frequency
component that depends upon load current, and will
typically be about 2% peak-to-peak. Burst Mode opera-
tion ripple can be reduced slightly by using more output
capacitance (47μF or greater). Another method of reducing
Burst Mode operation ripple is to place a small feed-forward
capacitor across the upper resistor in the VOUT feedback
divider network (as in Type III compensation).
During the period where the device is delivering energy to
the output, the peak switch current will be equal to 450mA
typical and the inductor current will terminate at zero
current for each cycle. In this mode the typical maximum
average output current is given by:
IMAX(BURST)BUCK
450mA
2
;VOUT < VIN
IMAX(BURST)BOOST
450mA
2
•
VIN
VOUT
;VOUT > VIN
IMAX(BURST) Buck-Boost ≈ 350mA; VOUT ≈ VIN.
Since the input and output are connected together for
most of the cycle.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com