Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4305CDHD Datasheet HTML 3Page - Linear Technology LTC4305CDHD Datasheet HTML 4Page - Linear Technology LTC4305CDHD Datasheet HTML 5Page - Linear Technology LTC4305CDHD Datasheet HTML 6Page - Linear Technology LTC4305CDHD Datasheet HTML 7Page - Linear Technology LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology LTC4305CDHD Datasheet HTML 10Page - Linear Technology LTC4305CDHD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4305
7
4305f
BLOCK DIAGRA
+
+
3
SDAIN
INACC
SLEW RATE
DETECTOR
OUTACC
SLEW RATE
DETECTOR
UPSTREAM
DOWNSTREAM
BUFFERS
5
SCLIN
11
READY
7
VCC
INACC
SLEW RATE
DETECTOR
OUT ACC
SLEW RATE
DETECTOR
2-WIRE
DIGITAL
INTERFACE
AND
REGISTERS
STUCK LOW 0.52V
COMPARATORS
UPSTREAM
DOWNSTREAM
BUFFERS
FET2
FET1
DOWNSTREAM
1V THRESHOLD
COMPARATORS
2
2
5
UVLO
13
15
12
16
SDA1
SDA2
SCL1
SCL2
14 ALERT1
1 ALERT2
2 ALERT
CONN
FET2
FET1
TIMSET1
TIMEOUT_REAL
TIMEOUT_LATCH
ADDRESS
FIXED BITS
“10”
INACC
OUTACC
FAILCONN_ATTEMPT
1.6V/1.52V
SCLIN
SDAIN
100ns
GLITCH FILTER
100ns
GLITCH FILTER
STUCK LOW
TIMEOUT
CIRCUITRY
CONNECTION
CIRCUITRY
1
µs
FILTER
VCC
PORB
UVLO
RLIM
50k
C1
2pF
+
+
6
ENABLE
2.5V/2.35V
1.1V/1V
2
TIMSET0
CH1CONN-CH2CONN
2
2
5
BUS1_LOG-BUS2_LOG
I2C ADDR
CONN_REQ
AL1-AL2
ALERT
1V THRESHOLD
COMPARATORS
1 OF 27
ALERT LOGIC
FET1
FET2
AL1-AL2
4 GND
10 ADR2
9 ADR1
8 ADR0
4305 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com