Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4305CDHD Datasheet HTML 2Page - Linear Technology LTC4305CDHD Datasheet HTML 3Page - Linear Technology LTC4305CDHD Datasheet HTML 4Page - Linear Technology LTC4305CDHD Datasheet HTML 5Page - Linear Technology LTC4305CDHD Datasheet HTML 6Page - Linear Technology LTC4305CDHD Datasheet HTML 7Page - Linear Technology LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology LTC4305CDHD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4305
4305f
6
ALERT1–ALERT2 (Pins 14, 1): Fault Alert Inputs,
Channels 1–2. Devices on each of the two output channels
can pull their respective pin low to indicate that a fault has
occurred. The LTC4305 then pulls the ALERT low to pass
the fault indication on to the host. See the “Operation”
section below for the details of how ALERT is set and
cleared. Connect unused fault alert inputs to VCC.
ALERT (Pin 2): Fault Alert Output. An open-drain output
that is pulled low when a fault occurs to alert the host
controller. The LTC4305 pulls ALERT low when any of the
ALERT1–ALERT2 pins is low; when the two-wire bus is
stuck low; or when the Connection Requirement bit of
register 2 is low and a master tries to connect to a
downstream channel that is low. See the “Operation”
section below for the details of how ALERT is set and
cleared. The LTC4305 is compatible with the SMBus Alert
Response Address protocol. Connect a 10k resistor to a
power supply voltage to provide the pull-up. Tie to ground
if unused.
SDAIN (Pin 3): Serial Bus Data Input and Output. Connect
this pin to the SDA line on the master side. An external
pull-up resistor or current source is required.
GND (Pin 4): Device Ground.
SCLIN (Pin 5): Serial Bus Clock Input. Connect this pin to
the SCL line on the master side. An external pull-up
resistor or current source is required.
ENABLE (Pin 6): Digital Interface Enable and Register
Reset. Driving ENABLE high enables I2C communication
to the LTC4305. Driving ENABLE low disables I2C com-
munication to the LTC4305 and resets the registers to
their default state as shown in the Operations section.
When ENABLE returns high, masters can read and write
the LTC4305 again. If unused, tie ENABLE to VCC.
VCC (Pin 7): Power Supply Voltage. Connect a bypass
capacitor of at least 0.01
µF directly between VCC and GND
for best results.
ADR0–ADR2 (Pins 8–10): Three-State Serial Bus
Address Inputs. Each pin may be floated, tied to ground,
or tied to VCC. There are therefore 27 possible addresses.
See Table 1 in Applications Information section. When the
pins are floated, they can tolerate
±5µA of leakage current
and still convert the address correctly.
READY (Pin 11): Connection Ready Digital Output. An
N-channel MOSFET open-drain output transistor that pulls
down when none of the downstream channels is con-
nected to the upstream bus and turns off when one or
more downstream channels is connected to the upstream
bus. Connect a 10k resistor to a power supply voltage to
provide the pull-up. Tie to ground if unused.
SCL1–SCL2 (Pins 12, 16): Serial Bus Clock Outputs
Channels 1–2. Connect pins SCL1–SCL2 to the SCL lines
on the downstream channels 1–2, respectively. It is ac-
ceptable to float any pin that will never be connected to the
upstream bus. Otherwise, an external pull-up resistor or
current source is required on each pin.
SDA1–SDA2 (Pins 13, 15): Serial Bus Data Output
Channels 1–2. Connect pins SDA1–SDA2 to the SDA lines on
downstream channels 1–2, respectively. It is acceptable
to float any pin that will never be connected to the
upstream bus. Otherwise, an external pull-up resistor or
current source is required on each pin.
Exposed Pad (Pin 17, DHD Package Only): Exposed pad
may be left open or connected to device ground.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com