Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 4 Page - Linear Technology

  LTC4305CDHD Datasheet HTML 1Page - Linear Technology LTC4305CDHD Datasheet HTML 2Page - Linear Technology LTC4305CDHD Datasheet HTML 3Page - Linear Technology LTC4305CDHD Datasheet HTML 4Page - Linear Technology LTC4305CDHD Datasheet HTML 5Page - Linear Technology LTC4305CDHD Datasheet HTML 6Page - Linear Technology LTC4305CDHD Datasheet HTML 7Page - Linear Technology LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4305
4305f
4
The
● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Guaranteed by design and not subject to test, unless stated
otherwise in the Conditions.
Note 3: The boosted pull-up currents are regulated to prevent excessively
fast edges for light loads. See the Typical Performance Characteristics for
rise time as a function of VCC and parasitic bus capacitance CBUS and for
IBOOST as a function of VCC and temperature.
Note 4: When a logic low voltage VLOW is forced on one side of the
upstream-downstream buffers, the voltage on the other side is regulated
to a voltage VLOW2 = VLOW + VOS is a positive offset voltage. VOS,DOWN-BUF
is the offset voltage when the LTC4305 is driving the upstream pin (e.g.,
SDAIN) and VOS,DOWN-BUF is the offset voltage when the LTC4305 is
driving the downstream pin (e.g., SDA1). See the Typical Performance
Characteristics for VOS,UP-BUF and VOS,DOWN-BUF as a function of VCC and
bus pull-up current.
Note 5: When floating, the ADR0–ADR2 pins can tolerate pin leakage
currents up to IADR,FLOAT and still convert the address correctly.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Interface
VADR(H)
ADR0–2 Input High Voltage
●
0.75
• VCC 0.9 • VCC
V
VADR(L)
ADR0–2 Input Low Voltage
●
0.1
• VCC 0.25 • VCC
V
IADR(IN, L)
ADR0–2 Logic Low Input Current
ADR0–2 = 0V, VCC = 5.5V
●
–30
–60
–80
µA
IADR(IN, H)
ADR0–2 Logic High Input Current
ADR0–2 = VCC = 5.5V
●
30
60
80
µA
IADR,FLOAT
ADR0–2 Allowed Input Current
VCC = 2.7V, 5.5V (Note 5)
●
±5
±13
µA
VSDAIN,SCLIN(TH)
SDAIN, SCLIN Input Falling Threshold Voltages
VCC = 5.5V
●
1.4
1.6
1.8
V
VSDAIN,SCLIN(HY)
SDAIN, SCLIN Hysteresis
30
mV
ISDAIN,SCLIN(OH)
SDAIN, SCLIN Input Current
SCL, SDA = VCC
●
±5
µA
CIN
SDA, SCL Input Capacitance
(Note 2)
6
10
pF
VSDAIN(OL)
SDAIN Output Low Voltage
ISDA = 4mA, VCC = 2.7V
●
0.2
0.4
V
I2C Interface Timing
fSCL
Maximum SCL Clock Frequency
(Note 2)
400
kHz
tBUF
Bus Free Time Between Stop/Start Condition
(Note 2)
0.75
1.3
µs
tHD, STA
Hold Time After (Repeated) Start Condition
(Note 2)
45
100
ns
tSU, STA
Repeated Start Condition Set-Up Time
(Note 2)
–30
0
ns
tSU, STO
Stop Condition Set-Up Time
(Note 2)
–30
0
ns
tHD, DATI
Data Hold Time Input
(Note 2)
–25
0
ns
tHD, DATO
Data Hold Time Output
(Note 2)
300
600
900
ns
tSU, DAT
Data Set-Up Time
(Note 2)
50
100
ns
tf
SCL, SDA Fall Times
(Note 2)
20 + 0.1
•
300
ns
CBUS
tSP
Pulse Width of Spikes Suppressed by the
(Note 2)
50
150
250
ns
Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com