Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4305CDHD Datasheet HTML 12Page - Linear Technology LTC4305CDHD Datasheet HTML 13Page - Linear Technology LTC4305CDHD Datasheet HTML 14Page - Linear Technology LTC4305CDHD Datasheet HTML 15Page - Linear Technology LTC4305CDHD Datasheet HTML 16Page - Linear Technology LTC4305CDHD Datasheet HTML 17Page - Linear Technology LTC4305CDHD Datasheet HTML 18Page - Linear Technology LTC4305CDHD Datasheet HTML 19Page - Linear Technology LTC4305CDHD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4305
4305f
20
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
Low RON: 35Ω Single-Ended/70Ω Differential,
Mux with SMBus Interface
Expandable to 32 Single or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC
Precision 50
µA ± 2.5% Tolerance Over Temperature,
with SMBus Interface
4 Selectable SMBus Addresses, DAC Powers up at Zero or Midscale
LTC1623
Dual High Side Switch Controller with SMBus Interface
8 Selectable Addresses/16-Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LSB Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise-Time,
Ensures Data Integrity with Multiple SMBus/I2C Devices
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT™
0.75
Ω PMOS 180mA Regulator, 6-Bit DAC
LTC1840
Dual I2C Fan Speed Controller
Two 100
µA 8-Bit DACs, Two Tach Inputs, Four GPI0
LTC4300A-1/LTC4300A-2
Hot Swappable 2-Wire Bus Buffer
Isolates Backplane and Card Capacitances
LTC4300A-3
Hot Swappable 2-Wire Bus Buffer
Provides Level Shifting and Enable Functions
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Supply Independent
LTC4301L
Hot Swappable 2-Wire Bus Buffer
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
with Low Voltage Level Translation
LTC4302-1/LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303/LTC4304
Hot Swappable 2-Wire Bus Buffer with Stuck
Provides Automatic Clocking to Free Stuck I2C Busses
Bus Recovery
LTC4306
4-Channel 2-Wire Multiplexer with Capacitance
4 Selectable Downstream Buses, Stuck Bus Disconnect, Rise Time
Buffering
Accelerators, Fault Reporting,
±10kV HBM ESD Tolerance
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/TP 0805 500 • PRINTED IN USA
Figure 8. Alternate Hot-Swapping Application
VCC
VCC
VCC2
R5
10k
C1
0.01
µF
R6
10k
R7
10k
R3
10k
R4
10k
R1
10k
R2
10k
ADDRESS = 1010 000
VOLTAGE
MONITOR
R8
10k
R9
10k
R10
10k
I/O CARD
4305 F08
TEMPERATURE
SENSOR
MICRO-
CONTROLLER
VCC
SCLIN
SDAIN
ENABLE
ALERT
READY
ADR2
ADR1
OPEN
ADR0
GND
SCL1
SDA1
ALERT1
SCL2
SDA2
ALERT2
LTC4305
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com