Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology LTC4305CDHD Datasheet HTML 10Page - Linear Technology LTC4305CDHD Datasheet HTML 11Page - Linear Technology LTC4305CDHD Datasheet HTML 12Page - Linear Technology LTC4305CDHD Datasheet HTML 13Page - Linear Technology LTC4305CDHD Datasheet HTML 14Page - Linear Technology LTC4305CDHD Datasheet HTML 15Page - Linear Technology LTC4305CDHD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4305
4305f
12
disconnects the downstream buses from the upstream
bus by de-biasing the Upstream-Downstream Buffers.
Note that the downstream switches remain in their exist-
ing state. The Timeout Real Time bit of register 0 indicates
the real-time status of the stuck low situation. The Latched
Timeout Bit of register 0 is a latched bit that is set high
when a timeout occurs.
External Faults on the Downstream Channels
When a slave on downstream channel 1 pulls the ALERT1
pin below 1V, the LTC4305 passes this information to
master on the upstream bus by pulling the ALERT pin low.
The functionality is the same for the slaves on down-
stream channel 2 and the ALERT2 pin. Each channel has
its own dedicated fault bit in Register 0, so that masters
can read Register 0 to determine which channels have
faults.
ALERT Functionality and Fault Resolution
When a fault occurs, the LTC4305 pulls the ALERT pin low,
as described previously. The procedure for resolving
faults depends on the type of fault. If a master on the
upstream bus is communicating with devices on a down-
stream bus via the upstream-downstream buffer circuitry—
channel 1, for example—and a device on this bus pulls the
ALERT1 pin low, the LTC4305 acts transparently, and the
master communicates directly with the device that caused
the fault via the Upstream-Downstream Buffer circuitry to
resolve the fault.
In all other cases, the LTC4305 communicates with the
master to resolve the fault. After the master broadcasts the
Alert Response Address (ARA), the LTC4305 will respond
with its address on the SDAIN line and release the ALERT
pin. The ALERT line will also be released if the LTC4305 is
addressed by the master.
The ALERT signal will not be pulled low again until a
different type of fault has occurred or the original fault is
cleared and has occurred again. Figure 2 shows the details
of how the fault latches and ALERT pin are set and reset.
The Downstream Bus Connection Fault and faults that
occur on unconnected downstream buses are grouped
together and generate a single signal to drive ALERT. The
Stuck Low Timeout Fault has its own dedicated pathway to
ALERT; however, once a stuck low occurs, another one
will not occur until the first one is cleared. For these
reasons, once the master has established the LTC4305 as
the source of the fault, it should read register 0 to deter-
mine the specific problem, take action to solve the prob-
lem, and clear the fault promptly. All faults are cleared by
writing a dummy databyte to register 0, which is a read-
only register.
For example, assume that a fault occurs, the master sends
out the ARA, and the LTC4305 successfully writes
its address onto SDAIN and releases its ALERT pin. The
master reads register 0 and learns that the ALERT2 logic
state bit is low. The master now knows that a device on
downstream bus 2 has a fault and writes to register 3 to
connect to bus 2, so that it can communicate with the
source of the fault. At this point, the master writes to
register 0 to clear the fault.
I2C Device Addressing
Twenty-seven distinct bus addresses are configurable
using the three state ADR0, ADR1 and ADR2 pins. Table
1 shows the correspondence between pin states and
addresses. Note that address bits a6 and a5 are internally
configured to 1 and 0, respectively. In addition, the
LTC4305 responds to two special addresses. Address
(1011 110) is a mass write used to write all LTC4305’s,
OPERATIO
Figure 2. Setting and Resetting the ALERT Pin
D
4305 F02
VCC
Q
WRITE
REGISTER 0
RD
D
FAULT ON CONNECTED
DOWNSTREAM BUS
VCC
Q
WRITE
REGISTER 0
FAULT ON DISCONNECTED
DOWNSTREAM BUS
DOWNSTREAM BUS
CONNECTION FAULT
ADDRESS LTC4305
STUCK BUS
LTC4305 RESPONDS
TO ARA
RD
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com