Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4305CDHD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4305CDHD
Description  2-Channel, 2-Wire Bus Multiplexer with
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305CDHD Datasheet(HTML) 1 Page - Linear Technology

  LTC4305CDHD Datasheet HTML 1Page - Linear Technology LTC4305CDHD Datasheet HTML 2Page - Linear Technology LTC4305CDHD Datasheet HTML 3Page - Linear Technology LTC4305CDHD Datasheet HTML 4Page - Linear Technology LTC4305CDHD Datasheet HTML 5Page - Linear Technology LTC4305CDHD Datasheet HTML 6Page - Linear Technology LTC4305CDHD Datasheet HTML 7Page - Linear Technology LTC4305CDHD Datasheet HTML 8Page - Linear Technology LTC4305CDHD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4305
1
4305f
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
The LTC
®4305 is a 2-channel, 2-wire bus multiplexer with
bus buffers to provide capacitive isolation between the
upstream bus and downstream buses. Through software
control, the LTC4305 connects the upstream 2-wire bus
to any desired combination of downstream channels.
Each channel can be pulled up to a supply voltage ranging
from 2.2V to 5.5V, independent of the LTC4305 supply
voltage. The downstream channels are also provided with
an ALERT1–ALERT2 inputs for fault reporting.
Programmable timeout circuitry disconnects the down-
stream buses if the bus is stuck low. When activated, rise
time accelerators source currents into the 2-wire bus pins
to reduce rise time. Driving the ENABLE pin low restores
all features to their default states. Three address pins
provide 27 distinct addresses.
The LTC4305 is available in 16-lead (4mm
× 5mm) DFN
and SSOP packages.
■
Nested Addressing
■
5V/3.3V Level Translator
■
Capacitance Buffer/Bus Extender
■
1:2 2-Wire Multiplexer/Switch
■
Connect SDA and SCL Lines with 2-Wire Bus
Commands
■
Supply Independent Bidirectional Buffer for SDA
and SCL Lines Increases Fan-Out
■
Programmable Disconnect from Stuck Bus
■
Compatible with I2C and SMBus Standards
■
Rise Time Accelerator Circuitry
■
SMBus Compatible ALERT Response Protocol
■
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
■
±10kV Human Body Model ESD Ruggedness
■
16-Lead (4mm
× 5mm) DFN and SSOP Packages
2-Channel,
2-Wire Bus Multiplexer with
Capacitance Buffering
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Patent Pending.
A Level-Shifting and Nested Addressing Application
10k
0.01
µF
10k
10k
10k
10k
10k
ADDRESS = 1000 100
SFP
MODULE #1
10k
10k
10k
ADDRESS = 1111 000
MICRO-
CONTROLLER
SFP
MODULE #2
ADDRESS = 1111 000
2.5V
5V
3.3V
4305 TA01
SCLIN
SDAIN
ALERT
ADR2
ADR1
ADR0
GND
SCL1
SDA1
ALERT1
SCL2
SDA2
ALERT2
VCC
LTC4305
4305 TA01b
VCC = 3.3V
VCARD1 = 3.3V
VCARD2 = 5V
VBACK = 2.5V
SCL2
2V/DIV
500ns/DIV
SCL1
2V/DIV
SCLIN
2V/DIV
I2C Bus Waveforms


Similar Part No. - LTC4305CDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4305 LINER-LTC4305 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4305CDHD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
logo
Linear Technology
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com