Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 4 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 4 Page - Analog Devices

  ASDATA1 Datasheet HTML 1Page - Analog Devices ASDATA1 Datasheet HTML 2Page - Analog Devices ASDATA1 Datasheet HTML 3Page - Analog Devices ASDATA1 Datasheet HTML 4Page - Analog Devices ASDATA1 Datasheet HTML 5Page - Analog Devices ASDATA1 Datasheet HTML 6Page - Analog Devices ASDATA1 Datasheet HTML 7Page - Analog Devices ASDATA1 Datasheet HTML 8Page - Analog Devices ASDATA1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD1939
Data Sheet
Rev. E | Page 4 of 32
Parameter
Conditions/Comments
Min
Typ
Max
Unit
Interchannel Phase Deviation
0
Degrees
Volume Control Step
0.375
dB
Volume Control Range
95
dB
De-emphasis Gain Error
±0.6
dB
Output Resistance at Each Pin
100
Ω
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
REGULATOR
Input Supply Voltage
VSUPPLY pin
4.5
5
5.5
V
Regulated Output Voltage
VSENSE pin
3.19
3.37
3.55
V
Specifications measured at a case temperature of 125°C.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
All ADCs
24
Bits
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
93
102
dB
With A-Weighted Filter (RMS)
96
104
dB
Total Harmonic Distortion + Noise
−1 dBFS
−96
−87
dB
Full-Scale Input Voltage (Differential)
1.9
V rms
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.25
+0.25
dB
Offset Error
−10
0
+10
mV
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
101
107
dB
With A-Weighted Filter (RMS)
104
110
dB
With A-Weighted Filter (Average)
112
dB
Total Harmonic Distortion + Noise
0 dBFS
Two channels running
−94
dB
Eight channels running
−86
−70
dB
Full-Scale Output Voltage
1.76 (4.96)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−25
−6
+25
mV
Gain Drift
−30
+30
ppm/°C
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V
REGULATOR
Input Supply Voltage
VSUPPLY pin
4.5
5
5.5
V
Regulated Output Voltage
VSENSE pin
3.2
3.43
3.65
V
CRYSTAL OSCILLATOR SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Transconductance
3.5
mmhos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com