Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 5 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 5 Page - Analog Devices

  ASDATA1 Datasheet HTML 1Page - Analog Devices ASDATA1 Datasheet HTML 2Page - Analog Devices ASDATA1 Datasheet HTML 3Page - Analog Devices ASDATA1 Datasheet HTML 4Page - Analog Devices ASDATA1 Datasheet HTML 5Page - Analog Devices ASDATA1 Datasheet HTML 6Page - Analog Devices ASDATA1 Datasheet HTML 7Page - Analog Devices ASDATA1 Datasheet HTML 8Page - Analog Devices ASDATA1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 5 of 32
DIGITAL INPUT/OUTPUT SPECIFICATIONS
−40°C < TA < +105°C, DVDD = 3.3 V ± 10%.
Table 4.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
High Level Input Voltage (VIH)
2.0
V
MCLKI/XI pin
2.2
V
Low Level Input Voltage (VIL)
0.8
V
Input Leakage
IIH @ VIH = 2.4 V
10
µA
IIL @ VIL = 0.8 V
10
µA
High Level Output Voltage (VOH)
IOH = 1 mA
DVDD − 0.60
V
Low Level Output Voltage (VOL)
IOL = 1 mA
0.4
V
Input Capacitance
5
pF
POWER SUPPLY SPECIFICATIONS
Table 5.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
SUPPLIES
Voltage
DVDD
3.0
3.3
3.6
V
AVDD
3.0
3.3
3.6
V
VSUPPLY
4.5
5.0
5.5
V
Digital Current
Master clock = 256 fS
Normal Operation
fS = 48 kHz
56
mA
fS = 96 kHz
65
mA
fS = 192 kHz
95
mA
Power-Down
fS = 48 kHz to 192 kHz
2.0
mA
Analog Current
Normal Operation
74
mA
Power-Down
23
mA
DISSIPATION
Operation
Master clock = 256 fS, 48 kHz
All Supplies
429
mW
Digital Supply
185
mW
Analog Supply
244
mW
Power-Down, All Supplies
83
mW
POWER SUPPLY REJECTION RATIO
Signal at Analog Supply Pins
1 kHz, 200 mV p-p
50
dB
20 kHz, 200 mV p-p
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com