Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 29 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 29 Page - Analog Devices

Back Button ASDATA1 Datasheet HTML 24Page - Analog Devices ASDATA1 Datasheet HTML 25Page - Analog Devices ASDATA1 Datasheet HTML 26Page - Analog Devices ASDATA1 Datasheet HTML 27Page - Analog Devices ASDATA1 Datasheet HTML 28Page - Analog Devices ASDATA1 Datasheet HTML 29Page - Analog Devices ASDATA1 Datasheet HTML 30Page - Analog Devices ASDATA1 Datasheet HTML 31Page - Analog Devices ASDATA1 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 29 of 32
ADDITIONAL MODES
The AD1939 offers several additional modes for board level
design enhancements. To reduce the EMI in board level design,
serial data can be transmitted without an explicit BCLK. See
Figure 27 for an example of a DAC TDM data transmission
mode that does not require high speed DBCLK. This configura-
tion is applicable when the AD1939 master clock is generated
by the PLL with the DLRCLK as the PLL reference frequency.
To relax the requirement for the setup time of the AD1939 in
cases of high speed TDM data transmission, the AD1939 can
latch in the data using the falling edge of DBCLK. This effec-
tively dedicates the entire BCLK period to the setup time. This
mode is useful in cases where the source has a large delay time
in the serial data driver. Figure 28 shows this pipeline mode of
data transmission.
Both the BCLK-less and pipeline modes are available on the
ADC serial data port.
DLRCLK
INTERNAL
DBCLK
DSDATAx
DLRCLK
INTERNAL
DBCLK
TDM-DSDATAx
32 BITS
Figure 27. Serial DAC Data Transmission in TDM Format Without DBCLK
(Applicable Only If PLL Locks to DLRCLK, This Mode Is Also Available in the ADC Serial Data Port)
DLRCLK
DBCLK
DSDATAx
DATA MUST BE VALID
AT THIS BCLK EDGE
MSB
Figure 28. I2S Pipeline Mode in DAC Serial Data Transmission
(Applicable in Stereo and TDM, Useful for High Frequency TDM Transmission,
This Mode Is Also Available in the ADC Serial Data Port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com