Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 9 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ASDATA1 Datasheet HTML 5Page - Analog Devices ASDATA1 Datasheet HTML 6Page - Analog Devices ASDATA1 Datasheet HTML 7Page - Analog Devices ASDATA1 Datasheet HTML 8Page - Analog Devices ASDATA1 Datasheet HTML 9Page - Analog Devices ASDATA1 Datasheet HTML 10Page - Analog Devices ASDATA1 Datasheet HTML 11Page - Analog Devices ASDATA1 Datasheet HTML 12Page - Analog Devices ASDATA1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
AGND
1
MCLKI/XI
2
MCLKO/XO
3
AGND
4
AVDD
5
OL3P
6
OL3N
7
OR3P
8
OR3N
9
OL4P 10
OL4N 11
OR4P 12
OR4N 13
PD/RST 14
DSDATA4
15
DGND 16
AGND
48
FILTR
47
AGND
46
AVDD
45
AGND
44
OR2N
43
OR2P
42
OL2N
41
OL2P
40
OR1N
39
OR1P
38
OL1P
36
CLATCH
35
CCLK
34
DGND
33
OL1N
37
AD1939
TOP VIEW
(Not to Scale)
DIFFERENTIAL
OUTPUT
NC = NO CONNECT
Figure 2. 64-Lead LQFP, Differential Output, Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
In/Out
Mnemonic
Description
1
I
AGND
Analog Ground.
2
I
MCLKI/XI
Master Clock Input/Crystal Oscillator Input.
3
O
MCLKO/XO
Master Clock Output/Crystal Oscillator Output.
4
I
AGND
Analog Ground.
5
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
6
O
OL3P
DAC 3 Left Positive Output.
7
O
OL3N
DAC 3 Left Negative Output.
8
O
OR3P
DAC 3 Right Positive Output.
9
O
OR3N
DAC 3 Right Negative Output.
10
O
OL4P
DAC 4 Left Positive Output.
11
O
OL4N
DAC 4 Left Negative Output.
12
O
OR4P
DAC 4 Right Positive Output.
13
O
OR4N
DAC 4 Right Negative Output
14
I
PD/RST
Power-Down Reset (Active Low).
15
I/O
DSDATA4
DAC Serial Data Input 4. Data input to DAC4 data in/TDM DAC2 data out (dual-line
mode)/AUX DAC2 data out (to external DAC2).
16
I
DGND
Digital Ground.
17
I
DVDD
Digital Power Supply. Connect to digital 3.3 V supply.
18
I/O
DSDATA3
DAC Serial Data Input 3. Data input to DAC3 data in/TDM DAC2 data in (dual-line
mode)/AUX ADC2 data in (from external ADC2).
19
I/O
DSDATA2
DAC Serial Data Input 2. Data input to DAC2 data in/TDM DAC data out/AUX ADC1
data in (from external ADC1).
20
I
DSDATA1
DAC Serial Data Input 1. Data input to DAC1 data in/TDM DAC data in/TDM data in.
21
I/O
DBCLK
Bit Clock for DACs.
22
I/O
DLRCLK
LR Clock for DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com