Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 26 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 26 Page - Analog Devices

Back Button ASDATA1 Datasheet HTML 22Page - Analog Devices ASDATA1 Datasheet HTML 23Page - Analog Devices ASDATA1 Datasheet HTML 24Page - Analog Devices ASDATA1 Datasheet HTML 25Page - Analog Devices ASDATA1 Datasheet HTML 26Page - Analog Devices ASDATA1 Datasheet HTML 27Page - Analog Devices ASDATA1 Datasheet HTML 28Page - Analog Devices ASDATA1 Datasheet HTML 29Page - Analog Devices ASDATA1 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD1939
Data Sheet
Rev. E | Page 26 of 32
Table 20. DAC Control 2 Register
Bit
Value
Function
Description
0
0
Unmute
Master mute
1
Mute
2:1
00
Flat
De-emphasis (32 kHz/44.1 kHz/48 kHz mode only)
01
48 kHz curve
10
44.1 kHz curve
11
32 kHz curve
4:3
00
24
Word width
01
20
10
Reserved
11
16
5
0
Noninverted
DAC output polarity
1
Inverted
7:6
00
Reserved
Table 21. DAC Individual Channel Mutes
Bit
Value
Function
Description
0
0
Unmute
DAC 1 left mute
1
Mute
1
0
Unmute
DAC 1 right mute
1
Mute
2
0
Unmute
DAC 2 left mute
1
Mute
3
0
Unmute
DAC 2 right mute
1
Mute
4
0
Unmute
DAC 3 left mute
1
Mute
5
0
Unmute
DAC 3 right mute
1
Mute
6
0
Unmute
DAC 4 left mute
1
Mute
7
0
Unmute
DAC 4 right mute
1
Mute
Table 22. DAC Volume Controls
Bit
Value
Function
Description
7:0
0
No attenuation
DAC volume control
1 to 254
−3/8 dB per step
255
Full attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com