Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA1 Datasheet(PDF) 25 Page - Analog Devices

Part # ASDATA1
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA1 Datasheet(HTML) 25 Page - Analog Devices

Back Button ASDATA1 Datasheet HTML 21Page - Analog Devices ASDATA1 Datasheet HTML 22Page - Analog Devices ASDATA1 Datasheet HTML 23Page - Analog Devices ASDATA1 Datasheet HTML 24Page - Analog Devices ASDATA1 Datasheet HTML 25Page - Analog Devices ASDATA1 Datasheet HTML 26Page - Analog Devices ASDATA1 Datasheet HTML 27Page - Analog Devices ASDATA1 Datasheet HTML 28Page - Analog Devices ASDATA1 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 25 of 32
Table 17. PLL and Clock Control 1 Register
Bit
Value
Function
Description
0
0
PLL clock
DAC clock source select
1
MCLK
1
0
PLL clock
ADC clock source select
1
MCLK
2
0
Enabled
On-chip voltage reference
1
Disabled
3
0
Not locked
PLL lock indicator (read only)
1
Locked
7:4
0000
Reserved
DAC CONTROL REGISTERS
Table 18. DAC Control 0 Register
Bit
Value
Function
Description
0
0
Normal
Power-down
1
Power-down
2:1
00
32 kHz/44.1 kHz/48 kHz
Sample rate
01
64 kHz/88.2 kHz/96 kHz
10
128 kHz/176.4 kHz/192 kHz
11
Reserved
5:3
000
1
SDATA delay (BCLK periods)
001
0
010
8
011
12
100
16
101
Reserved
110
Reserved
111
Reserved
7:6
00
Stereo (normal)
Serial format
01
TDM (daisy chain)
10
DAC AUX mode (ADC-, DAC-, TDM-coupled)
11
Dual-line TDM
Table 19. DAC Control 1 Register
Bit
Value
Function
Description
0
0
Latch in mid cycle (normal)
BCLK active edge (TDM in)
1
Latch in at end of cycle (pipeline)
2:1
00
64 (2 channels)
BCLKs per frame
01
128 (4 channels)
10
256 (8 channels)
11
512 (16 channels)
3
0
Left low
LRCLK polarity
1
Left high
4
0
Slave
LRCLK master/slave
1
Master
5
0
Slave
BCLK master/slave
1
Master
6
0
DBCLK pin
BCLK source
1
Internally generated
7
0
Normal
BCLK polarity
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com