Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 39 of 80
Figure 68. Respiration Using External Capacitor and External Amplifiers
If required, further improvements in respiration performance
may be possible with the use of an instrumentation amplifier
and op amp external to the ADAS1000. The instrumentation
amplifier must have sufficiently low noise performance to meet
the target performance levels. This mode uses the external
capacitor mode configuration and is shown in Figure 68. Bit 14
of the RESPCTL register (Table 28) allows the user to bypass
the on-chip amplifier when using an external instrumentation
amplifier.
Respiration Carrier
In applications where an external signal generator is used to
develop a respiration carrier signal, that external signal source
can be synchronized to the internal carrier using the signal
available on GPIO3 when Bit 7, RESPEXTSEL, is enabled in
the respiration control register (see Table 28).
EVALUATING RESPIRATION PERFORMANCE
ECG simulators offer a convenient means of studying the
ADAS1000’s performance. While many simulators offer a
variable-resistance respiration capability, care must be taken
when using this feature.
Some simulators use electrically programmable resistors, often
referred to as digiPOTs, to create the time-varying resistance to
be measured by the respiration function. The capacitances at the
digitPOT's terminals are often unequal and code-dependent, and
these unbalanced capacitances can give rise to unexpectedly
large or small results on different leads for the same programmed
resistance variation. Best results are obtained with a purpose-
built fixture that carefully balances the capacitance presented to
each ECG electrode.
EXTEND SWITCH ON RESPIRATION PATHS
There is additional multiplexing on the external respiration
inputs to allow them to serve as additional electrode inputs
to the existing five ECG ADC channels. This approach allows
a user to configure eight electrode inputs; however, it is not
intended as a true 8-channel/12-lead solution. Time overheads
will be required to reconfigure the multiplexer arrangement
using the serial interface in addition to filter the latency as
described in Table 14.
The user has full control over the SW1/SW2/SW3 configuration
as outlined in Table 48.
Figure 69. Alternative Use of the Respiration Paths
LA CABLE
ADAS1000
50kHz TO
56kHz
46.5kHz TO
64kHz
OVERSAMPLED
1kΩ
10kΩ
10kΩ
10kΩ
10kΩ
1kΩ
100Ω
100Ω
RESPDAC_LA
RESPDAC_RA
1nF TO 10nF
1nF TO 10nF
RESPIRATION DAC
DRIVE + ve
CABLE AND ELECTRODE
IMPEDANCE < 1kΩ
RA CABLE
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE – ve
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
EXT_RESP_LA
EXT_RESP_RA
REFOUT = 1.8V
0.9V
GAIN
1/2 OF
AD8606
1/2 OF
AD8606
±1V
±1V
LPF
TO ECG1_LA CHANNEL
TO ECG2_LL CHANNEL
TO ECG3_RA CHANNEL
TO ECG4_V1 CHANNEL
TO ECG5_V2 CHANNEL
EXT_RESP_RA
EXT_RESP_LL
EXT_RESP_LA
SW1a
SW1b
SW1c
SW1d
SW1e
SW2a
SW2b
SW2c
SW2d
SW2e
SW3a
SW3b
SW3c
SW3d
SW3e
TO RESPIRATION CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com