Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 20Page - Analog Devices ADAS1000BSTZ Datasheet HTML 21Page - Analog Devices ADAS1000BSTZ Datasheet HTML 22Page - Analog Devices ADAS1000BSTZ Datasheet HTML 23Page - Analog Devices ADAS1000BSTZ Datasheet HTML 24Page - Analog Devices ADAS1000BSTZ Datasheet HTML 25Page - Analog Devices ADAS1000BSTZ Datasheet HTML 26Page - Analog Devices ADAS1000BSTZ Datasheet HTML 27Page - Analog Devices ADAS1000BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 24 of 80
Figure 48. FFT with 60 Hz Input Signal
Figure 49. SNR and THD Across Gain Settings
Figure 50. Power Up AVDD Line to DRDY Going Low (Ready)
Figure 51. Open-Loop Gain Response of ADAS1000 Right Leg Drive Amplifier
Without Loading
Figure 52. Open-Loop Phase Response of ADAS1000 Right Leg Drive Amplifier
Without Loading
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (Hz)
AVDD = 3.3V
GAIN 0
DATA RATE = 2kHz
FILTER SETTING = 150Hz
–100
–50
0
50
100
150
GAIN 0
GAIN 1
GAIN 2
GAIN 3
GAIN SETTING
SNR
THD
AVDD = 3.3V
–0.5dBFS
10Hz INPUT SIGNAL
CH1 2.00V
M1.00ms
A CH1
2.48V
T 22.1%
CH2 1.00V
2
1
DRDY
AVDD = 3.3V
AVDD
120
100
80
60
40
20
0
–20
–40
–60
–80
FREQUENCY (Hz)
100m
1
10
100
1k
1G
10k
100k
1M
10M 100M
0
–350
–300
–250
–200
–150
–100
–50
FREQUENCY (Hz)
100m
1
10
100
1k
1G
10k
100k
1M
10M 100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com