Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 3 Page - Analog Devices

  ADAS1000BSTZ Datasheet HTML 1Page - Analog Devices ADAS1000BSTZ Datasheet HTML 2Page - Analog Devices ADAS1000BSTZ Datasheet HTML 3Page - Analog Devices ADAS1000BSTZ Datasheet HTML 4Page - Analog Devices ADAS1000BSTZ Datasheet HTML 5Page - Analog Devices ADAS1000BSTZ Datasheet HTML 6Page - Analog Devices ADAS1000BSTZ Datasheet HTML 7Page - Analog Devices ADAS1000BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 3 of 80
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADAS1000 Full Featured Model
Table 1. Overview of Features Available from ADAS1000 Generics
Generic
ECG
Operation
Right Leg Drive
Respiration
Pace
Detection
Shield
Driver
Master
Interface1
Package
Option
ADAS1000
5 ECG channels
Master/slave
Yes
Yes
Yes
Yes
Yes
LFCSP, LQFP
ADAS1000-1
5 ECG channels
Master/slave
Yes
Yes
Yes
LFCSP
ADAS1000-22
5 ECG channels
Slave
LFCSP, LQFP
ADAS1000-3
3 ECG channels
Master/slave
Yes
Yes
Yes
LFCSP, LQFP
ADAS1000-4
3 ECG channels
Master/slave
Yes
Yes
Yes
Yes
Yes
LFCSP, LQFP
1
Master interface is provided for users wishing to utilize their own digital pace algorithm; see the Secondary Serial Interface section.
2
This is a companion device for increased channel count purposes. It has a subset of features and is not intended for standalone use. It may be used in conjunction with
any master device.
ELECTRODES
×5
VREF
REFOUT
REFIN
CAL_DAC_IO
AMP
ADC
RESPIRATION PATH
MUXES
AC
LEAD-OFF
DAC
CALIBRATION
DAC
AMP
ADC
5× ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
GPIO3
GPIO1/MSCLK
GPIO2/MSDO
GPIO0/MCS
AC
LEAD-OFF
DETECTION
–
+
COMMON-
MODE AMP
RLD_SJ
DRIVEN
LEAD
AMP
SHIELD
DRIVE
AMP
SHIELD
RLD_OUT CM_IN
XTAL1
XTAL2
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
EXT_RESP_LA
EXT_RESP_LL
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
EXT_RESP_RA
CM_OUT/WCT
10kΩ
ADCVDD, DVDD
1.8V
REGULATORS
ADAS1000
BUFFER
RESPIRATION
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com