Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000BSTZ Datasheet HTML 13Page - Analog Devices ADAS1000BSTZ Datasheet HTML 14Page - Analog Devices ADAS1000BSTZ Datasheet HTML 15Page - Analog Devices ADAS1000BSTZ Datasheet HTML 16Page - Analog Devices ADAS1000BSTZ Datasheet HTML 17Page - Analog Devices ADAS1000BSTZ Datasheet HTML 18Page - Analog Devices ADAS1000BSTZ Datasheet HTML 19Page - Analog Devices ADAS1000BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 16 of 80
ADAS1000
ADAS1000-1
ADAS1000-2
Mnemonic
Description
LQFP
LFCSP
LFCSP
LQFP
LFCSP
14
2
2
ECG5_V2
Analog Input, Chest Electrode 2 or Auxiliary Biopotential Input (V2).
10
6
ECG1
Analog Input 1.
11
5
ECG2
Analog Input 2.
12
4
ECG3
Analog Input 3.
13
3
ECG4
Analog Input 4.
14
2
ECG5
Analog Input 5.
4
12
EXT_RESP_RA
Optional External Respiration Input.
5
11
EXT_RESP_LL
Optional External Respiration Input.
6
10
EXT_RESP_LA
Optional External Respiration Input.
62
16
RESPDAC_LL
Optional path for higher performance respiration resolution, respiration
DAC drive, Negative Side 0.
60
18
SHIELD/
RESPDAC_LA
Shared Pin (User-Configured).
Output of Shield Driver (SHIELD).
Optional Path for Higher Performance Respiration Resolution, Respiration
DAC Drive, Negative Side 1 (RESPDAC_LA).
3
13
RESPDAC_RA
Optional Path for Higher Performance Respiration Resolution, Respiration
DAC Drive, Positive Side.
22
52
52
CM_OUT/WCT
Common-Mode Output Voltage (Average of Selected Electrodes). Not
intended to drive current.
19
55
55
19
55
CM_IN
Common-Mode Input.
21
53
53
21
53
RLD_SJ
Summing Junction for Right Leg Drive Amplifier.
20
54
54
RLD_OUT
Output and Feedback Junction for Right Leg Drive Amplifier.
61
17
17
CAL_DAC_IO
Calibration DAC Input/Output. Output for a master device, input for a
slave. Not intended to drive current.
9
7
7
9
7
REFIN
Reference Input. For standalone mode, use REFOUT connected to REFIN.
External 10 μF with ESR < 0.2 Ω in parallel with 0.1 μF bypass capacitors to
GND are required and should be placed as close to the pin as possible. An
external reference can be connected to REFIN.
8
8
8
8
8
REFOUT
Reference Output.
7
9
9
7
9
REFGND
Reference Ground. Connect to a clean ground.
27, 28
47, 46
47, 46
XTAL1, XTAL2
External crystal connects between these two pins; external clock drive
should be applied to CLK_IO. Each XTAL pin requires 15 pF to ground.
29
45
45
CLK_IO
Buffered Clock Input/Output. Output for a master device; input for a slave.
Powers up in high impedance.
41
35
35
41
35
CS
Chip Select and Frame Sync, Active Low. CS can be used to frame each
word or to frame the entire suite of data in framing mode.
44
32
32
44
32
SCLK
Clock Input. Data is clocked into the shift register on a rising edge and
clocked out on a falling edge.
43
33
33
43
33
SDI
Serial Data Input.
53
25
25
53
25
PD
Power-Down, Active Low.
45
31
31
45
31
SDO
Serial Data Output. This pin is used for reading back register configuration
data and for the data frames.
42
34
34
42
34
DRDY
Digital Output. This pin indicates that conversion data is ready to be read
back when low, busy when high. When reading packet data, the entire
packet must be read to allow DRDY to return high.
54
24
24
54
24
RESET
Digital Input. This pin has an internal pull-up. This pin resets all internal
nodes to their power-on reset values.
52
26
26
52
26
SYNC_GANG
Digital Input/Output (Output on Master, Input on Slave). Used for
synchronization control where multiple devices are connected together.
Powers up in high impedance.
36
40
40
GPIO0/MCS
General-Purpose I/O or Master 128 kHz SPI CS.
37
39
39
GPIO1/MSCLK
General-Purpose I/O or Master 128 kHz SPI SCLK.
38
38
38
GPIO2/MSDO
General-Purpose I/O or Master 128 kHz SPI SDO.
39
37
37
GPIO3
General-Purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com