Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000BSTZ Datasheet HTML 9Page - Analog Devices ADAS1000BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000BSTZ Datasheet HTML 13Page - Analog Devices ADAS1000BSTZ Datasheet HTML 14Page - Analog Devices ADAS1000BSTZ Datasheet HTML 15Page - Analog Devices ADAS1000BSTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 12 of 80
Secondary Serial Interface (Master Interface for Customer-Based Digital Pace Algorithm) ADAS1000/ ADAS1000-1 Only
AVDD = 3.3 V ± 5%, IOVDD = 1.65 V to 3.6 V, AGND = DGND = 0 V, REFIN tied to REFOUT, externally supplied crystal/clock =
8.192 MHz. TA = −40°C to +85°C, unless otherwise noted. Typical specifications are mean values at TA = 25°C. The following timing
specifications apply for the master interface when ECGCTL register is configured for high performance mode (ECGCTL[3] = 1), see
Table 26.
Table 6.
Parameter1
Min
Typ
Max
Unit
Description
Output Frame Rate2
128
kHz
All five 16-bit ECG data-words are available at frame rate of 128 kHz only
fSCLK2
2.5 × crystal
frequency
MHz
Crystal frequency = 8.192 MHz
tMCSSA
24.4
ns
MCS valid setup time
tMDO
0
ns
MSCLK rising edge to MSDO valid delay
tMCSHD
48.8
ns
MCS valid hold time from MSCLK falling edge
tMCSW
2173
ns
MCS high time, SPIFW = 0, MCS asserted for entire frame as shown in
Figure 5, and configured in Table 31
2026
ns
MCS high time, SPIFW = 1, MCS asserted for each word in frame as shown in
Figure 6 and configured in Table 31
1
Guaranteed by characterization, not production tested.
2
Guaranteed by design, not production tested.
Figure 5. Data Read and Write Timing Diagram for SPIFW = 0, Showing Entire Packet Of Data (Header, 5 ECG Words, and CRC Word)
Figure 6. Data Read and Write Timing Diagram for SPIFW = 1, Showing Entire Packet Of Data (Header, 5 ECG Words, and CRC Word)
tMSCLK
tMCSSA
tMSCLK
2
MSCLK
MCS
tMCSHD
MSDO
D0_15
tMDO
MSB
D0_14
D0_1
D1_15
LSB
SPIFW = 0*
D5_0
D0_0
D1_14
*SPIFW = 0 PROVIDES MCS FOR EACH FRAME, SCLK STAYS HIGH FOR 1/2 MSCLK CYCLE BETWEEN EACH WORD.
D6_15
MSB
D6_14
MSB
LSB
D6_0
LSB
HEADER: 0xF AND 12-BIT COUNTER
5 × 16-BIT ECG DATA
16-BIT CRC WORD
tMCSW
tMSCLK
tMCSSA
tMCSHD
MSCLK
MCS
MSDO
SPIFW = 1*
tMSCLK
tMCSW
D0_15
tMDO
MSB
D0_14
D0_1
D1_15
LSB
D5_0
D0_0
D1_14
D6_15
MSB
D6_14
MSB
LSB
D6_0
LSB
5 × 16-BIT ECG DATA
HEADER: 0xF AND 12-BIT COUNTER
16-BIT CRC WORD
*SPIFW = 1 PROVIDES MCS FOR EACH FRAME, SCLK STAYS HIGH FOR 1 MSCLK CYCLE BETWEEN EACH WORD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com