Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 65Page - Analog Devices ADAS1000BSTZ Datasheet HTML 66Page - Analog Devices ADAS1000BSTZ Datasheet HTML 67Page - Analog Devices ADAS1000BSTZ Datasheet HTML 68Page - Analog Devices ADAS1000BSTZ Datasheet HTML 69Page - Analog Devices ADAS1000BSTZ Datasheet HTML 70Page - Analog Devices ADAS1000BSTZ Datasheet HTML 71Page - Analog Devices ADAS1000BSTZ Datasheet HTML 72Page - Analog Devices ADAS1000BSTZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 69 of 80
Table 49. User Gain Calibration Registers (CALxx) Address 0x21 to Address 0x25, Reset Value = 0x000000
R/W
Default
Bit
Name
Function
[31:24]
Address [7:0]
0x21: calibration LA.
0x22: calibration LL.
0x23: calibration RA.
0x24: calibration V1.
0x25: calibration V2.
R/W
0
23
USRCAL
User can choose between default calibration values or user calibration values for GAIN 0,
GAIN 1, GAIN 2.
Note that for GAIN 3, there is no factory calibration.
0 = default calibration values (factory calibration).
1 = user calibration values.
R/W
0
[22:12]
Reserved
Reserved, set to 0
R/W
0
[11:0]
CALVALUE
Gain calibration value.
Result = data × (1 + GAIN × 2−17).
The value read from this register is the current gain calibration value. If the USRCAL bit is set
to 0, this register returns the default value for the current gain setting.
0x7FF (+2047) = ×1.00000011111111111b.
0x001 (+1) = ×1.00000000000000001b.
0x000 (0) = ×1.00000000000000000b.
0xFFF (−1) = ×0.11111111111111111b.
0x800 (−2048) = ×0.11111100000000000b.
Table 50. Read AC Lead-Off Amplitude Registers (LOAMxx) Address 0x31 to Address 35, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
[31:24]
Address [7:0]
0x31: LA ac lead-off amplitude.
0x32: LL ac lead-off amplitude.
0x33: RA ac lead-off amplitude.
0x34: V1 ac lead-off amplitude.
0x35: V2 ac lead-off amplitude.
R/W
0
[23:16]
Reserved
Reserved.
R
0
[15:0]
LOFFAM
Measured amplitude.
When ac lead-off is selected, the data is the average of the rectified 2 kHz band-pass filter
with an update rate of 8 Hz and cutoff frequency at 2 Hz. The output is the amplitude of the
2 kHz signal scaled by 2/π approximately = 0.6 (average of rectified sine wave). To convert to
RMS, scale the output by π/(2√2).
Lead-off (unsigned).
Minimum 0x0000 = 0 V.
LSB 0x0001= VREF/GAIN/216.
Maximum 0xFFFF = VREF/GAIN.
1
This register is not part of framing data, but can be read by issuing a register read command of this address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com