Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 5 Page - Texas Instruments

  LM98555 Datasheet HTML 1Page - Texas Instruments LM98555 Datasheet HTML 2Page - Texas Instruments LM98555 Datasheet HTML 3Page - Texas Instruments LM98555 Datasheet HTML 4Page - Texas Instruments LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.5V to 6.2V
Package Power Rating at 25°C(3)
2.0 Watts
Voltage on Any Input or Output Pin
−0.5V to VDD+0.5V
DC Input Current at Any Pin
25 mA
DC Package Input Current
50 mA
Storage Temperature
−65°C to +150°C
Lead temperature (Soldering, 10 sec.)
300°C
Human Body Model
2000V
ESD Susceptibility
Machine Model
200V
(1)
Absolute maximum ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the device should be operated at these limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Package power rating assumes the exposed thermal pad is soldered to the printed circuit board as recommended, with significant heat
spreading provided by vias to internal or bottom heat dissipation planes or pad. If this is not the case, then the package power rating
should be reduced. See THERMAL GUIDELINES in Application Information for more information.
Operating Conditions
Supply Voltage
VDDI
+3.0V to +5.5V
Supply Voltage
VDDO
+4.5V to +5.8V
Supply Sequencing(1)
VDDI < VDDO+0.2V
Ambient Temperature (TA)
0 to 70°C
Operating Frequency
30 MHz
Power Dissipation(2)
2.0W
(1)
When powering up and down, transient voltage levels on VDDI must be lower than (VDDO + 0.2V)
(2)
This is the power dissipated on-chip due to all currents flowing through the device - both DC and AC. This operating condition will be
violated if all driver outputs are fully loaded and operating at the same time at the rated FMAX. The system design must constrain the
chip's operating conditions (loads, power supply, number of parallel drivers enabled, frequency of operation) to make certain that this
limit is never exceeded.
Package Thermal Resistances
Package
θJ-A
(1)
θJ-PAD
(Thermal Pad)
64-Lead HTSSOP
36.8°C / W
6.2°C / W
(1)
Package thermal resistance for junction to ambient is based on a 5.5 inch by 3 inch, 4 layer printed circuit board, with thermal vias
connecting the heat sinking pad to a full internal ground plane. Tests were done in still air, with a power dissipation of 2.0 W, at an
ambient temperature of 22°C.
DC Electrical Characteristics
The following specifications apply for GND = 0V, VDDI = 3.3V, VDDO = 5.0V, unless noted otherwise. Boldface limits apply
for TA= TMIN to TMAX; all other limits TA= 25°C
Parameter
Test Conditions
Min
Typical
Max
Units
II
Logic 1 Input Current
VI = VDDI
-1
0.004
1
µA
Logic 0 Input Current
VI = GNDI
-1
0.006
1
µA
VIT
Input Threshold
VDDI = 3.3V
1.41
1.57
1.75
V
Input Threshold
VDDI = 5.0V
2.48
V
Input Threshold Hysteresis
VDDI = 3.3V
-72
11
100
mV
ΔVIT
Input Threshold Variation
Between P1A, P2A inputs
-100
100
mV
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM98555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com