Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 3 Page - Texas Instruments

  LM98555 Datasheet HTML 1Page - Texas Instruments LM98555 Datasheet HTML 2Page - Texas Instruments LM98555 Datasheet HTML 3Page - Texas Instruments LM98555 Datasheet HTML 4Page - Texas Instruments LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
Pin Descriptions
Pin Name
Pin No.
Type
Description
Driver inputs
P2BIN
8
Input
CMOS logic input for the P2B driver.
RSIN
9
Input
CMOS logic input for the RS driver.
CPIN
10
Input
CMOS logic input for the CP driver.
P1AIN
15
Input
CMOS logic input for the P1A ganged (8) driver set.
P2AIN
18
Input
CMOS logic input for the P2A ganged (8) driver set.
SHIN
21
Input
CMOS logic input for the SH ganged (3) driver set.
AFEIN
22
Input
CMOS logic input for the AFE driver.
MCLIN
23
Input
CMOS logic input for the MCL driver.
SHDIN
24
Input
CMOS logic input for the SHD driver.
Driver Outputs
SHDOUT
28
Output; Low-
Driver output for the SHDIN input signal.
Strength
MCLOUT
30
Output; Low-
Driver output for the MCLIN input signal.
Strength
AFEOUT
31
Output; Low-
Driver output for the AFEIN input signal.
Strength
CPOUT
2
Output; Low-
Driver output for the CPIN input signal. Typically used to drive the Clamp Gate input of
Strength
the CCD.
RSOUT
3
Output; Low-
Driver output for the RSIN input signal. Typically used to drive the Reset Gate input of
Strength
the CCD.
P2BOUT
5
Output; Low-
Driver output for the P2BIN input signal.
Strength
P2AOUT0
47
Output; TRI-
Ganged driver outputs for the P2AIN input. Typically the user may join together these
STATE; High-
outputs to drive the
φ2 clock input of the CCD. Some of these outputs may be disabled
P2AOUT1
46
Strength
using the EN(1:0) inputs - see Application Information.
P2AOUT2
43
P2AOUT3
42
P2AOUT4
39
P2AOUT5
38
P2AOUT6
35
P2AOUT7
34
P1AOUT0
50
Output; TRI-
Ganged driver outputs for the P1AIN input. Typically the user may join together these
STATE; High-
outputs to drive the
φ1 clock input of the CCD. Some of these outputs may be disabled
P1AOUT1
51
Strength
using the EN(1:0) inputs - see Application Information.
P1AOUT2
54
P1AOUT3
55
P1AOUT4
58
P1AOUT5
59
P1AOUT6
62
P1AOUT7
63
SHOUT0
26
Output; Low-
Ganged driver outputs for the SHIN input signal. Typically used to drive the Shift Gate
Strength
input of the CCD.
SHOUT1
27
SHOUT2
6
Logic Inputs
EN0
11
Input
Driver enable control. Some of the P1A and P2A drivers can be disabled using these
inputs. See Application Information.
EN1
12
Power & Ground Pins
VDDI
14
Power
VDD for pre-drivers.
16
20
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM98555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com