Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98555 Datasheet HTML 3Page - Texas Instruments LM98555 Datasheet HTML 4Page - Texas Instruments LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments LM98555 Datasheet HTML 10Page - Texas Instruments LM98555 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Vias couple thermal energy to internal ground planes and heat spreader pad on bottom
layer to transfer heat away from package.
Vias couple thermal energy to internal ground plane to transfer heat away from package.
3.81 mm
5.81 mm
Vias are 0.3 mm diameter at 1.2 mm pitch.
Recommended via plating of 1 oz copper.
Exposed thermal pad mounting area.
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
APPLICATION INFORMATION
The LM98555 is a fully integrated clock driver/buffer for high speed CCD applications. It provides high
performance low impedance drivers, with optimized low skew performance of the P1 and P2 outputs. Enable
inputs allow use of two, four, six, or all eight P1 and P2 drivers to optimize the amount of drive for the application.
The 64 pin thermally enhanced HTSSOP provides excellent power handling through the use of an exposed heat
transfer pad on the underside of the package.
THERMAL GUIDELINES
The LM98555's maximum power dissipation limit, shown in Operating Conditions, must be strictly adhered to.
The product's multiple high-strength drivers, with their ability to drive a wide-range of loads, make it possible to
be within spec on each output and yet violate the aggregate maximum power dissipation limit for the total
product. Special caution must be paid to this by limiting the chip's operating conditions (loads, power supply,
number of parallel drivers enabled, frequency of operation) to make certain that the maximum power dissipation
limit is never exceeded.
Thermal characterization of the device has been done to provide reference points under specific conditions.
θ
junction to ambient was measured using a 5.5 inch by 3 inch, 4 layer PCB. The thermal contact pad on the board
was connected using vias to a full ground plane on one of the internal layers. The recommended thermal pad is
shown in Figure 4.
Figure 4. Exposed Pad Land Pattern
The vias shown provide a path for heat to flow from the pad to a heat sinking or dissipating area of the printed
circuit board. The following figures show several typical examples of how this can be done, and illustrate how
heat is conducted away from the IC to larger areas where it is dissipated.
Figure 5. 4 Layer PCB - Example 1
Figure 6. 4 Layer PCB - Example 2
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com