Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments LM98555 Datasheet HTML 10Page - Texas Instruments LM98555 Datasheet HTML 11Page - Texas Instruments LM98555 Datasheet HTML 12Page - Texas Instruments LM98555 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
Several other techniques will also help maintain signal quality, and minimize timing differences between critical
signals. Vias should not be used for critical timing signals. These can add impedance discontinuities that will
affect the waveform quality. Traces should have gradual bends and avoid sharp changes in direction that can
also introduce impedance discontinuities.
SELECTIVE DRIVER ENABLING
With the Enable pins, the user has the capability to enable only the drivers that are required for the application,
thus eliminating unnecessary outputs switching. The following table shows the details.
EN1
EN0
Driver-set State
0
0
P1Aout(1:0) and P2Aout(1:0) are enabled; all others disabled.
0
1
P1Aout(3:0) and P2Aout(3:0) are enabled; all others disabled.
1
0
P1Aout(5:0) and P2Aout(5:0) are enabled; all others disabled.
1
1
All P1Aout and P2Aout drivers are enabled.
Note: The disabled drivers' outputs are in TRI-STATE.
POWER SUPPLY SEQUENCING
During device power-up and power-down, VDDI must be maintained less than (VDDO + 0.2V) to prevent excessive
current flow through the internal ESD protection circuitry. Since most applications will involve 3V on VDDI and 5V
on VDDO, this can be easily met. If this voltage relationship cannot be met, then the DC pin and package limits for
input current must be maintained by controlling the source impedance of the VDDI supply.
POWER AND GROUND - PLANES VERSUS BUSES
The best performance will be achieved by using planes rather than traces for power and ground. Planes provide
lower electrical and thermal impedance. Ground bounce and ringing are reduced, electromagnetic emissions are
minimized and the best thermal performance will be realized.
A single common ground plane should be used for all power and signal domains.
Another circuit board layer can be used to provide power to the various circuitry. Different power buses can be
provided by isolated planes within this layer of the circuit board.
EMI MANAGEMENT
Good EMI control will be achieved by addressing the following items:
•
Provide proper source termination of output signals
•
Limit length of output traces
•
Ensure adequate power supply decoupling
•
Provide power and ground planes as much as possible
•
Provide common ground plane for all signals, especially between LM98555 outputs and load CCD
•
Enable and use the minimum number of outputs needed
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com