Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 1 Page - Texas Instruments

  LM98555 Datasheet HTML 1Page - Texas Instruments LM98555 Datasheet HTML 2Page - Texas Instruments LM98555 Datasheet HTML 3Page - Texas Instruments LM98555 Datasheet HTML 4Page - Texas Instruments LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DRIVER ENABLE LOGIC (SEE
TRUTH TABLE)
VDD1
P1AOUT0
GND0
GND1
VDD0
P2AOUT6
P1AOUT5
P1AOUT4
P1AOUT2
P1AOUT3
P1AOUT1
P1AOUT7
P1AOUT6
P2AOUT5
P2AOUT4
P2AOUT3
P2AOUT2
P2AOUT1
PsAOUT0
P2AOUT7
SHOUT0
SHOUT2
SHOUT1
CPOUT
EN0
AFEIN
P2AIN
SHDIN
P1AIN
SHIN
CPIN
RSIN
EN1
P2BIN
P2BOUT
RSOUT
AFEOUT
SHDOUT
MCLOUT
MCLIN
NOTE: PRE-DRIVERS NOT SHOWN
LM98555
www.ti.com
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
LM98555 CCD Driver
Check for Samples: LM98555
1
FEATURES
DESCRIPTION
The LM98555 is a highly integrated driver circuit
2
•
All CCD Drivers Integrated into One Package
intended for CCD driving applications. It combines 25
•
High Strength Drivers Designed Specifically
drivers of varying drive strengths into one chip to
for CCD Loads
provide a complete CCD driving solution. Due to this
•
Ability to Scale Clock Driver Strength
one-chip integration, optimal skew control is achieved
for this demanding application.
•
Skew Specifications Ensured
•
Separate Input and Output Power Supplies
•
CMOS Process Technology
•
64-Pin HTSSOP Package with Extended Power
Handling Capability
KEY SPECIFICATIONS
•
Supply Voltage
–
Inputs 3.0 to 5.5V
–
Drivers 4.5 to 5.8V
•
Maximum Output Skew Between P1A and P2A
Outputs 0.5 ns
•
Maximum Power Handling 2.0W
Functional Description
Figure 1. Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM98555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
CCD Driver
logo
Texas Instruments
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
CCD Driver
LM98555 TI2-LM98555 Datasheet
266Kb / 14P
LM98555 CCD Driver
REVISED APRIL 2013
logo
National Semiconductor ...
LM98555CCMH NSC-LM98555CCMH Datasheet
688Kb / 9P
CCD Driver
logo
Texas Instruments
LM98555CCMH/NOPB TI1-LM98555CCMH/NOPB Datasheet
197Kb / 13P
CCD Driver
More results

Similar Description - LM98555

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
CCD Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
CCD VERTICAL DRIVER
logo
Texas Instruments
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
CCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com