Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98555 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM98555
Description  LM98555 CCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM98555 Datasheet HTML 2Page - Texas Instruments LM98555 Datasheet HTML 3Page - Texas Instruments LM98555 Datasheet HTML 4Page - Texas Instruments LM98555 Datasheet HTML 5Page - Texas Instruments LM98555 Datasheet HTML 6Page - Texas Instruments LM98555 Datasheet HTML 7Page - Texas Instruments LM98555 Datasheet HTML 8Page - Texas Instruments LM98555 Datasheet HTML 9Page - Texas Instruments LM98555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
tPHL
tPLH
INPUT
OUTPUT
VDDI/2
0.25 x VDDO
VDDI/2
0.75 x VDDO
tR = 0.8 ns
tF = 0.8 ns
90%
90%
10%
10%
LM98555
SNAS290D – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics (continued)
The following specifications apply for GND = 0V, VDDI = 3.3V, VDDO = 5.0V, unless noted otherwise. Boldface limits apply
for TA= TMIN to TMAX; all other limits TA= 25°C
Parameter
Test Conditions
Min
Typical
Max
Units
ILOAD = 525 mA
Output Impedance P1A and P2A
RO
RO = (VDDO - VO)/IOH or
6.1
9.9
Ω
Outputs
RO = VO/IOL
ILOAD = 280 mA
Output Impedance All Other
RO
RO = (VDDO - VO)/IOH or
10.2
17.4
Ω
Outputs
RO = VO/IOL
AC Electrical Characteristics
The following specifications apply for GND = 0V, VDDI = 3.3V, VDDO = 5.0V, unless noted otherwise. Boldface limits apply
for TA= TMIN to TMAX; all other limits TA= 25°C
Parameter
Test Conditions
Min
Typical
Max
Units
tPHL
Prop Delay: High-to-Low
CL = 220 pF, RL = 10Ω
(1)
3.06
4.6
6.55
ns
P1A and P2A Outputs
tPHL
Prop Delay: High-to-Low
CL = 82 pF, RL = 10Ω
(1) (2)
4.1
ns
CP, RS, P2B Outputs
tPLH
Prop Delay: Low-to-High
CL = 220 pF, RL = 10Ω
(3)
3.38
4.9
6.68
ns
P1A and P2A Outputs
tPLH
Prop Delay: Low-to-High
CL = 82 pF, RL = 10Ω
(3) (2)
4.2
ns
CP, RS, P2B Outputs
tSKEW
Prop Delay Skew High-to-Low
Between any P1A or P2A Outputs
109
387
ps
on a Single Unit
Prop Delay Skew Low-to-High
157
490
CL = 220 pF, RL = 10Ω
(1)
Propagation Delay High-to-Low with output low trigger voltage at VDDO*0.75.
(2)
Typical values determined from characterization testing only. Not production tested or ensured.
(3)
Propagation Delay Low-to-High with output high trigger voltage at VDDO*0.25.
Test Conditions
Figure 3. AC Test Conditions
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM98555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com