Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 1 Page - Texas Instruments

  LM3402MM Datasheet HTML 1Page - Texas Instruments LM3402MM Datasheet HTML 2Page - Texas Instruments LM3402MM Datasheet HTML 3Page - Texas Instruments LM3402MM Datasheet HTML 4Page - Texas Instruments LM3402MM Datasheet HTML 5Page - Texas Instruments LM3402MM Datasheet HTML 6Page - Texas Instruments LM3402MM Datasheet HTML 7Page - Texas Instruments LM3402MM Datasheet HTML 8Page - Texas Instruments LM3402MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
GND
DIM
BOOT
SW
CS
RON
LM3402/02HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN
IF
VCC
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
0.5A Constant Current Buck Regulator for Driving High Power LEDs
Check for Samples: LM3402, LM3402HV
1
FEATURES
DESCRIPTION
The
LM3402/02HV
are
monolithic
switching
2
•
Integrated 0.5A N-channel MOSFET
regulators designed to deliver constant currents to
•
VIN Range from 6V to 42V (LM3402)
high power LEDs. Ideal for automotive, industrial, and
•
VIN Range from 6V to 75V (LM3402HV)
general lighting applications, they contain a high-side
N-channel MOSFET switch with a current limit of 735
•
500 mA Output Current Over Temperature
mA
(typical)
for
step-down
(Buck)
regulators.
•
Cycle-by-Cycle Current Limit
Hysteretic control with controlled on-time coupled with
•
No Control Loop Compensation Required
an external resistor allow the converter output voltage
to adjust as needed to deliver a constant current to
•
Separate PWM Dimming and Low Power
series and series - parallel connected arrays of LEDs
Shutdown
of varying number and type, LED dimming by pulse
•
Supports All-ceramic Output Capacitors and
width
modulation
(PWM),
broken/open
LED
Capacitor-less Outputs
protection,
low-power
shutdown
and
thermal
•
Thermal Shutdown Protection
shutdown complete the feature set.
•
VSSOP, SO PowerPAD Packages
APPLICATIONS
•
LED Driver
•
Constant Current Source
•
Automotive Lighting
•
General Illumination
•
Industrial Lighting
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3402MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402MM NSC-LM3402MM Datasheet
844Kb / 22P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MM NSC-LM3402MM Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MM TI1-LM3402MM Datasheet
570Kb / 30P
LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MM TI1-LM3402MM Datasheet
1Mb / 39P
0.5A Constant Current Buck Regulator
LM3402MM/NOPB TI1-LM3402MM/NOPB Datasheet
1Mb / 39P
0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com