Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 28 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3402MM Datasheet HTML 24Page - Texas Instruments LM3402MM Datasheet HTML 25Page - Texas Instruments LM3402MM Datasheet HTML 26Page - Texas Instruments LM3402MM Datasheet HTML 27Page - Texas Instruments LM3402MM Datasheet HTML 28Page - Texas Instruments LM3402MM Datasheet HTML 29Page - Texas Instruments LM3402MM Datasheet HTML 30Page - Texas Instruments LM3402MM Datasheet HTML 31Page - Texas Instruments LM3402MM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
In expectation that more capacitance will be needed to prevent power supply interaction a 2.2 µF ceramic
capacitor rated to 100V with X7R dielectric in an 1812 case size will be used. From the Design Considerations
section, input rms current is:
IIN-RMS = 0.35 x Sqrt(0.82 x 0.18) = 134 mA
(66)
Ripple current ratings for 1812 size ceramic capacitors are typically higher than 2A, more than enough for this
design.
RECIRCULATING DIODE
The input voltage of 60V ±5% requires Schottky diodes with a reverse voltage rating greater than 60V. Some
manufacturers provide Schottky diodes with ratings of 70, 80 or 90V; however the next highest standard voltage
rating is 100V. Selecting a 100V rated diode provides a large safety margin for the ringing of the switch node and
also makes cross-referencing of diodes from different vendors easier.
The next parameters to be determined are the forward current rating and case size. In this example the high duty
cycle (D = 49.2 / 60 = 82%) places less thermals stress on D1 and more on the internal power MOSFET of the
LM3402. The estimated average diode current is:
ID = 0.361 x 0.18 = 65 mA
(67)
A Schottky with a forward current rating of 0.5A would be adequate, however at 100V the majority of diodes have
a minimum forward current rating of 1A. To determine the proper case size, the dissipation and temperature rise
in D1 can be calculated as shown in the Design Considerations section. VD for a small case size such as SOD-
123F in a 100V, 1A Schottky diode at 350 mA is approximately 0.65V and the
θJA is 88°C/W. Power dissipation
and temperature rise can be calculated as:
PD = 0.065 x 0.65 = 42 mW TRISE = 0.042 x 88 = 4°C
(68)
CB AND CF
The bootstrap capacitor CB should always be a 10 nF ceramic capacitor with X7R dielectric. A 25V rating is
appropriate for all application circuits. The linear regulator filter capacitor CF should always be a 100 nF ceramic
capacitor, also with X7R dielectric and a 25V rating.
EFFICIENCY
To estimate the electrical efficiency of this example the power dissipation in each current carrying element can
be calculated and summed. Electrical efficiency,
η, should not be confused with the optical efficacy of the circuit,
which depends upon the LEDs themselves.
Total output power, PO, is calculated as:
PO = IF x VO = 0.361 x 49.2 = 17.76W
(69)
Conduction loss, PC, in the internal MOSFET:
PC = (IF
2 x R
DSON) x D = (0.361
2 x 1.5) x 0.82 = 160 mW
(70)
Gate charging and VCC loss, PG, in the gate drive and linear regulator:
PG = (IIN-OP + fSW x QG) x VIN PG = (600 x 10
-6 + 3 x 105 x 3 x 10-9) x 60 = 90 mW
(71)
Switching loss, PS, in the internal MOSFET:
PS = 0.5 x VIN x IF x (tR + tF) x fSW PS = 0.5 x 60 x 0.361 x 40 x 10
-9 x 3 x 105 = 130 mW
(72)
AC rms current loss, PCIN, in the input capacitor:
PCIN = IIN(rms)
2 x ESR = (0.134)2 x 0.006 = 0.1 mW (negligible)
(73)
DCR loss, PL, in the inductor
PL = IF
2 x DCR = 0.352 x 1.1 = 135 mW
(74)
Recirculating diode loss, PD = 42 mW
Current Sense Resistor Loss, PSNS = 69 mW
Electrical efficiency,
η = PO / (PO + Sum of all loss terms) = 17.76 / (17.76 + 0.62) = 96%
Temperature Rise in the LM3402HV IC is calculated as:
TLM3402 = (PC + PG + PS) x θJA = (0.16 + 0.084 + 0.13) x 200 = 74.8°C
(75)
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com