Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3402MM Datasheet HTML 19Page - Texas Instruments LM3402MM Datasheet HTML 20Page - Texas Instruments LM3402MM Datasheet HTML 21Page - Texas Instruments LM3402MM Datasheet HTML 22Page - Texas Instruments LM3402MM Datasheet HTML 23Page - Texas Instruments LM3402MM Datasheet HTML 24Page - Texas Instruments LM3402MM Datasheet HTML 25Page - Texas Instruments LM3402MM Datasheet HTML 26Page - Texas Instruments LM3402MM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LMIN =
VIN(MAX) - VO
'iL
x tON
RON =
tON x VIN
1.34 x 10
-10
GND
DIM
BOOT
SW
CS
RON
LM3402/02HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN = 24V
IF = 350 mA
VCC
CO
LED1
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
Figure 30. Schematic for Design Example 1
RON and tON
To select RON the expression relating tON to input voltage from the Controlled On-time Overview section can be
re-written as:
(18)
Minimum on-time occurs at the maximum VIN, which is 24V x 110% = 26.4V. RON is therefore calculated as:
RON = (300 x 10
-9 x 26.4) / 1.34 x 10-10 = 59105 Ω
(19)
The closest 1% tolerance resistor is 59.0 k
Ω. The switching frequency of the circuit can then be found using the
equation relating RON to fSW:
fSW = 3.7 / (59000 x 1.34 x 10
-10) = 468 kHz
(20)
USING AN OUTPUT CAPACITOR
The inductor will be the largest component used in this design. Because the application does not require any
PWM dimming, an output capacitor can be used to greatly reduce the inductance needed without worry of
slowing the potential PWM dimming frequency. The total solution size will be reduced by using an output
capacitor and small inductor as opposed to one large inductor.
OUTPUT INDUCTOR
Knowing that an output capacitor will be used, the inductor can be selected for a larger current ripple. The
desired maximum value for
ΔiL is ±30%, or 0.6 x 350 mA = 210 mAP-P. Minimum inductance is selected at the
maximum input voltage. Re-arranging the equation for current ripple selection yields the following:
(21)
LMIN = [(26.4 – 3.7) x 300 x 10
-9] / (0.6 x 0.35) = 32.4 µH
(22)
The closest standard inductor value is 33 µH. Off-the-shelf inductors rated at 33 µH are available from many
magnetics manufacturers.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com