Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 30 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3402MM Datasheet HTML 26Page - Texas Instruments LM3402MM Datasheet HTML 27Page - Texas Instruments LM3402MM Datasheet HTML 28Page - Texas Instruments LM3402MM Datasheet HTML 29Page - Texas Instruments LM3402MM Datasheet HTML 30Page - Texas Instruments LM3402MM Datasheet HTML 31Page - Texas Instruments LM3402MM Datasheet HTML 32Page - Texas Instruments LM3402MM Datasheet HTML 33Page - Texas Instruments LM3402MM Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Table 1. BOM for Design Example 1
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM3402
LED Driver
VSSOP-8
40V, 0.5A
1
NSC
L1
SLF7045T-330MR82
Inductor
7.0x7.0 x4.5mm
33µH, 0.82A, 96m
Ω
1
TDK
D1
CMHSH5-4
Schottky Diode
SOD-123
40V, 0.5A
1
Central Semi
Cf
VJ0805Y104KXXAT
Capacitor
0805
100nF 10%
1
Vishay
Cb
VJ0805Y103KXXAT
Capacitor
0805
10nF 10%
1
Vishay
Cin
C3216X7R1H105M
Capacitor
1206
1µF 50V
1
TDK
Co
C2012X7R1A225M
Capacitor
0805
2.2 µF 10V
1
TDK
Rsns
ERJ6BQFR75V
Resistor
0805
0.75
Ω 1%
1
Panasonic
Ron
CRCW08055902F
Resistor
0805
59.0 k
Ω 1%
1
Vishay
Table 2. BOM for Design Example 2
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM3402HV
LED Driver
VSSOP-8
75V, 0.5A
1
NSC
L1
DO5022P-684
Inductor
18.5x15.2 x7.1mm
680µH, 1.2A, 1.1
Ω
1
Coilcraft
D1
CMMSH1-100
Schottky Diode
SOD-123F
100V, 1A
1
Central Semi
Cf
VJ0805Y104KXXAT
Capacitor
0805
100nF 10%
1
Vishay
Cb
VJ0805Y103KXXAT
Capacitor
0805
10nF 10%
1
Vishay
Cin
C4532X7R2A225M
Capacitor
1812
2.2µF 100V
1
TDK
Rsns
ERJ6BQFR56V
Resistor
0805
0.56
Ω 1%
1
Panasonic
Ron
CRCW08051214F
Resistor
0805
1.21M
Ω 1%
1
Vishay
30
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com