Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3402MM Datasheet HTML 23Page - Texas Instruments LM3402MM Datasheet HTML 24Page - Texas Instruments LM3402MM Datasheet HTML 25Page - Texas Instruments LM3402MM Datasheet HTML 26Page - Texas Instruments LM3402MM Datasheet HTML 27Page - Texas Instruments LM3402MM Datasheet HTML 28Page - Texas Instruments LM3402MM Datasheet HTML 29Page - Texas Instruments LM3402MM Datasheet HTML 30Page - Texas Instruments LM3402MM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
RSNS =
2
VIN - VO
0.2 x L
IF x L + VO x tSNS -
x tON
LMIN =
VIN - VO
'iF
x tON
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
OUTPUT INDUCTOR
In this example the ripple current through the LED array and the inductor are equal. Inductance is selected to
give the smallest ripple current possible while still providing enough
ΔvSNS signal for the CS comparator to
operate correctly. Designing to a desired
ΔvSNS of 25 mV and assuming that the average inductor current will
equal the desired average LED current of 350 mA yields the target current ripple in the inductor and LEDs:
ΔiF = ΔiL = ΔvSNS / RSNS, RSNS = VSNS / IF
(53)
ΔiF = 0.025 / 0.57 = 43.8 mA
(54)
With the target ripple current determined the inductance can be chosen:
(55)
LMIN = [(60 – 49.2) x 2.7 x 10
-6] / (0.044) = 663 µH
(56)
The closest standard inductor value is 680 µH. As with the previous example, the average current rating should
be greater than 350 mA. Separation between the LM3402HV drivers and the LED arrays mean that heat from the
inductor will not threaten the lifetime of the LEDs, but an overheated inductor could still cause the LM3402HV to
enter thermal shutdown.
The inductance itself of the standard part chosen is ±20%. With this tolerance the typical, minimum, and
maximum inductor current ripples can be calculated:
ΔiF(TYP) = [(60 - 49.2) x 2.7 x 10
-6] / 680 x 10-6 = 43 mA
P-P
(57)
ΔiF(MIN) = [(60 - 49.2) x 2.7 x 10
-6] / 816 x 10-6 = 36 mA
P-P
(58)
ΔiF(MAX) = [(60 - 49.2) x 2.7 x 10
-6] / 544 x 10-6 = 54 mA
P-P
(59)
The peak LED/inductor current is then estimated:
IL(PEAK) = IL + [ΔiL(MAX)] / 2
(60)
IL(PEAK) = 0.35 + 0.027 = 377 mA
(61)
In the case of a short circuit across the LED array, the LM3402HV will continue to deliver rated current through
the short but will reduce the output voltage to equal the CS pin voltage of 200 mV. Worst-case peak current in
this condition would be equal to:
ΔiF(LED-SHORT) = [(63 – 0.2) x 2.7 x 10
-6] / 544 x 10-6 = 314 mA
P-P IF(PEAK) = 0.35 + 0.156 = 506 mA
(62)
In the case of a short at the switch node, the output, or from the CS pin to ground the short circuit current limit
will engage at a typical peak current of 735 mA. In order to prevent inductor saturation during these fault
conditions the inductor’s peak current rating must be above 735 mA. A 680 µH off-the shelf inductor rated to
1.2A (peak) and 0.72A (average) with a DCR of 1.1
Ω will be used for the green LED array.
RSNS
A preliminary value for RSNS was determined in selecting ΔiL. This value should be re-evaluated based on the
calculations for
ΔiF:
(63)
Sub-1
Ω resistors are available in both 1% and 5% tolerance. A 1%, 0.56Ω device is the closest value, and a
0.125W, 0805 size device will handle the power dissipation of 69 mW. With the resistance selected, the average
value of LED current is re-calculated to ensure that current is within the ±5% tolerance requirement. From the
expression for LED current accuracy:
IF = 0.19 / 0.56 + 0.043 / 2 = 361 mA, 3% above 350 mA
(64)
INPUT CAPACITOR
Following the calculations from the Input Capacitor section,
ΔvIN(MAX) will be 1%P-P = 600 mV. The minimum
required capacitance is:
CIN(MIN) = (0.35 x 2.7 x 10
-6) / 0.6 = 1.6 µF
(65)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com