Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402MM Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3402MM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MM Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3402MM Datasheet HTML 8Page - Texas Instruments LM3402MM Datasheet HTML 9Page - Texas Instruments LM3402MM Datasheet HTML 10Page - Texas Instruments LM3402MM Datasheet HTML 11Page - Texas Instruments LM3402MM Datasheet HTML 12Page - Texas Instruments LM3402MM Datasheet HTML 13Page - Texas Instruments LM3402MM Datasheet HTML 14Page - Texas Instruments LM3402MM Datasheet HTML 15Page - Texas Instruments LM3402MM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
TSW
300 ns
VO(MIN) = VIN x
TSW
TSW - 300 ns
VO(MAX) = VIN x
TSW = 1/fSW
nMAX =
VF(MAX)
VO(max) - 200 mV
DMAX =
tON
tON + tOFF-MIN
VO(max) = DMAX x VIN
IL-MIN =
0.2
RSNS
L
-
VO x tSNS
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
AVERAGE LED CURRENT ACCURACY
The COT architecture regulates the valley of
ΔVSNS, the AC portion of VSNS. To determine the average LED
current (which is also the average inductor current) the valley inductor current is calculated using the following
expression:
(4)
In this equation tSNS represents the propagation delay of the CS comparator, and is approximately 220 ns. The
average inductor/LED current is equal to IL-MIN plus one-half of the inductor current ripple, ΔiL:
IF = IL = IL-MIN + ΔiL / 2
(5)
Detailed information for the calculation of
ΔiL is given in the DESIGN CONSIDERATIONS section.
MAXIMUM OUTPUT VOLTAGE
The 300 ns minimum off-time limits on the maximum duty cycle of the converter, DMAX, and in turn ,the maximum
output voltage VO(MAX) is determined by the following equations:
(6)
The maximum number of LEDs, nMAX, that can be placed in a single series string is governed by VO(MAX) and the
maximum forward voltage of the LEDs used, VF(MAX), using the expression:
(7)
At low switching frequency the maximum duty cycle and output voltage are higher, allowing the LM3402/02HV to
regulate output voltages that are nearly equal to input voltage. The following equation relates switching frequency
to maximum output voltage.
(8)
MINIMUM OUTPUT VOLTAGE
The minimum recommended on-time for the LM3402/02HV is 300 ns. This lower limit for tON determines the
minimum duty cycle and output voltage that can be regulated based on input voltage and switching frequency.
The relationship is determined by the following equation:
(9)
HIGH VOLTAGE BIAS REGULATOR
The LM3402/02HV contains an internal linear regulator with a 7V output, connected between the VIN and the
VCC pins. The VCC pin should be bypassed to the GND pin with a 0.1 µF ceramic capacitor connected as close
as possible to the pins of the IC. VCC tracks VIN until VIN reaches 8.8V (typical) and then regulates at 7V as
VIN increases. Operation begins when VCC crosses 5.25V.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com