Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0035 Datasheet HTML 1Page - RF Micro Devices RFDA0035 Datasheet HTML 2Page - RF Micro Devices RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFDA0035
DS110329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+6.0
V
DC
DC Supply Current
300
mA
Power Dissipation
1600
mW
Max RF Input Power
27
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
125
°C
ESD Rating (HBM)
500
V
Moisture Sensitivity Level
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, V
CC =VDD =5V, Standard Application
Circuit
Frequency Range
50
500
MHz
-3dB Bandwidth
Max Gain
19.3
dB
Attenuation=0dB, 180MHz
GainControlRange
31
dB
Step Accuracy
+/- (0.1+1.5% attenuation setting)
dB
Major State Error up to 400MHz
Output P1dB
21
dBm
At 180MHz, Upper 24dB Steps
Output IP3
42
dBm
At 180MHz, POUT=5dBm/Tone, 1MHz Spacing
Control Interface
5
bit
Parallel Interface
Relative Phase Shift
1
°
50MHz~300MHz
Settling Time
15
ns
tON, tOFF (10%/90% RF)
Noise Figure
7.5
dB
Attenuation=0dB
Impedance
200
Differential
Input Return Loss
-12
dB
Output Return Loss
-15
dB
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
240
mA
Both Channels Are Enabled. Can be Adjusted
by External Resistors from RESA/B to Ground.
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
100MHz
180MHz
300MHz
Max Small Signal Gain
dB
19.3
19.3
19.0
Output P1dB
dBm
21
21
21
Output IP3 [1]
dBm
43
42
40
Input Return Loss
dB
-15
-13
-15
Output Return Loss
dB
-17
-20
-17
Noise Figure
dB
7.0
7.2
7.5
Note: [1] OIP3 is tested at POUT=5dBm/Tone and 1MHz spacing.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com