Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 3 Page - RF Micro Devices

  RFDA0035 Datasheet HTML 1Page - RF Micro Devices RFDA0035 Datasheet HTML 2Page - RF Micro Devices RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFDA0035
DS110329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
30
Attenuation State (dB)
Gain (dB) versus Attenuation at Different Frequencies
180 MHz
300 MHz
400 MHz
500 MHz
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
Frequency (MHz)
Major Attenuation States Bit Error (dB) versus Frequency
1dB
2dB
4dB
8dB
16dB
31dB
-20
-15
-10
-5
0
5
10
15
20
25
0
100
200
300
400
500
Frequency (MHz)
All States' Gain (dB) versus Frequency
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
24
28
32
Attenuation State (dB)
Bit Error (dB) versus Attenuation State
60MHz
100MHz
180MHz
300MHz
16
17
18
19
20
21
0
100
200
300
400
500
Frequency (MHz)
Max Gain (dB) versus Frequency, Three Temperatures
-40C
25C
85C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
100
200
300
400
500
Frequency (MHz)
Worst Case Step Error (dB) Between Successive Attenuation States



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com