Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0035 Datasheet HTML 1Page - RF Micro Devices RFDA0035 Datasheet HTML 2Page - RF Micro Devices RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFDA0035
DS110329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
35
37
39
41
43
45
47
49
51
53
55
50
100
150
200
250
300
Frequency (MHz)
Max Gain Output IP3 (dBm) versus Frequency, POUT 5dBm/Tone
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
5
10
15
20
25
30
Attenuation State (dBm)
3rd Harmonic (dBc) versus Attenuation at 180MHz, P
OUT 5dBm
30
32
34
36
38
40
42
44
46
48
50
0
5
10
15
20
25
30
Attenuation State (dB)
Output IP3 (dBm) versus Attenuation at 180MHz, POUT 5dBm/Tone
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-5
-3
-1
1
3
5
Output Power (dBm)
2nd Harmonic (dBc) versus P
OUT at 180MHz
0dB
1dB
2dB
4dB
8dB
16dB
31dB
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
5
10
15
20
25
30
Attenuation State (dBm)
2nd Harmonic (dBc) versus Attenuation at 180MHz, POUT 5dBm
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-5
-3
-1
1
3
5
Output Power (dBm)
3rd Harmonic (dBc) versus P
OUT at 180MHz
0dB
1dB
2dB
4dB
8dB
16dB
31dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com