Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0035 Datasheet HTML 1Page - RF Micro Devices RFDA0035 Datasheet HTML 2Page - RF Micro Devices RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
1
2
3
4
9
10
11 12
20
19
18
17
32 31 30 29
A2
5
6
7
8
13 14 15 16
24
23
22
21
28 27 26 25
5-Bit Step
Attenuator
5-Bit Step
Attenuator
AMP
AMP
A3
A4
VCMA
VCMB
B4
B3
B2
OPA+
OPA-
ENBA
RESA
RESB
ENBB
OPB-
OPB+
RFDA0035
DIGITAL CONTROLLED IF DUAL VGA
5 BIT 1dB LSB CONTROL
RFMD's RFDA0035 is a dual-channel, digitally controlled variable gain amplifier fea-
turing high linearity over the entire 32 gain control steps. It features independent
channel power-up enable, independent channel current adjustability for optimizing
DC versus IP3 and a 200
 differential input and output impedance.
Features
Dual Independent Digitally
Controlled VGAs
Bandwidth of 500MHz (-3dB)
Gain Control Range=31dB (1dB
Step Size)
Differential Input and Output
Max Gain=19.0dB@180MHz
Noise Figure: 7.5dB@Maximum
Gain
High OIP3/P1dB=+42/21dBm
@180MHz
Relative Phase Shift<1 °
Single +5V Supply
Dual 5-Bit Parallel Control
Interface
Individual Enable Control for
Each VGA
Current Adjustable for IP3 Trade
Offs
Small 32-Pin, 5.0mmx5.0mm,
QFN
Applications
Differential ADC Drivers
Main and Diversity IF Sampling
Receivers
Wideband Multichannel
Receivers
Instrumentation
DS110329
Package: QFN 32-Pin, 5.0mmx5.0mm
RFDA0035Dig-
ital Controlled
IF Dual VGA
RFDA0035SR
7” Sample reel with 100 pieces
RFDA0035SQ
25 piece Sample bag
RFDA0035TR7
7” Reel with 750 pieces
RFDA0035TR13
13” Reel with 2500 pieces
RFDA0035PCK-410 50MHz to 500MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA0035

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015PCK-410 RFMD-RFDA0015PCK-410 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SQ RFMD-RFDA0015SQ Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SR RFMD-RFDA0015SR Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015TR13 RFMD-RFDA0015TR13 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0035

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G Datasheet
206Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC939LP4 HITTITE-HMC939LP4 Datasheet
712Kb / 8P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com