Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices RFDA0035 Datasheet HTML 10Page - RF Micro Devices RFDA0035 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFDA0035
DS110329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Descriptions
Pin
Function
Description
1A2
MSB - 2 for the Gain Control Interface for Channel A.
2A3
MSB - 1 for the Gain Control Interface for Channel A.
3A4
MSB for the 5-Bit Gain Control Interface for Channel A.
4VCMA
Channel A Input Common-Mode Voltage. Typically Bypassed to Ground Through Capacitor.
5VCMB
Channel B Input Common-Mode Voltage. Typically Bypassed to Ground Through Capacitor.
6B4
MSB for the 5-Bit Gain Control Interface for Channel B.
7B3
MSB - 1 for the Gain Control Interface for Channel B.
8B2
MSB - 2 for the Gain Control Interface for Channel B.
9B1
LSB + 1 for the Gain Control Interface for Channel B.
10
B0
LSB for the Gain Control Interface for Channel B.
11
IPB+
Channel B Positive Input.
12
IPB-
Channel B Negative Input.
13
GNDB
Device Common (DC Ground) for Channel B.
14
VCCB
Positive Supply Pin for Channel B. Should be Bypassed to Ground Using Suitable Bypass Capacitor.
15
0PB+
Positive Output Pins (Open Collector) for Channel B. Require DC Bias of +5V Nominal.
16
0PB-
Negative Output Pins (Open Collector) for Channel B. Require DC Bias of +5V Nominal.
17
0PB+
Positive Output Pins (Open Collector) for Channel B. Require DC Bias of +5V Nominal.
18
0PB-
Negative Output Pins (Open Collector) for Channel B. Require DC Bias of +5V Nominal.
19
ENBB
Power Enable Pin for Channel B. Channel B is Enabled with a Logic High and Disabled with a Logic Low.
20
RESB
Current Adjust Pin. Connect a Resistor from RESB to Ground can Adjust the Channel B DC Current from 90mA
to 120mA. Leave Pin Floating for Nominal Bias of 120mA.
21
RESA
Current Adjust Pin. Connect a Resistor from RESA to Ground can Adjust the Channel A DC Current from 90mA
to 120mA. Leave Pin Floating for Nominal Bias of 120mA.
22
ENBA
Power Enable Pin for Channel A. Channel A is Enabled with a Logic High and Disabled with a Logic Low.
23
OPA-
Negative Output Pins (Open Collector) for Channel A. Require DC Bias of +5V Nominal.
24
OPA+
Positive Output Pins (Open Collector) for Channel A. Require DC Bias of +5V Nominal.
25
OPA-
Negative Output Pins (Open Collector) for Channel A. Require DC Bias of +5V Nominal.
26
OPA+
Positive Output Pins (Open Collector) for Channel A. Require DC Bias of +5V Nominal.
27
VCCA
Positive Supply Pins for Channel A. Should be Bypassed to Ground Using Suitable Bypass Capacitor.
28
GNDA
Device Common (DC Ground) for Channel A
29
IPA-
Channel A Negative Input.
30
IPA+
Channel A Positive Input.
31
A0
LSB for the Gain Control Interface for Channel A.
32
A1
LSB + 1 for the Gain Control Interface for Channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com