Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0035 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFDA0035
Description  DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0035 Datasheet(HTML) 4 Page - RF Micro Devices

  RFDA0035 Datasheet HTML 1Page - RF Micro Devices RFDA0035 Datasheet HTML 2Page - RF Micro Devices RFDA0035 Datasheet HTML 3Page - RF Micro Devices RFDA0035 Datasheet HTML 4Page - RF Micro Devices RFDA0035 Datasheet HTML 5Page - RF Micro Devices RFDA0035 Datasheet HTML 6Page - RF Micro Devices RFDA0035 Datasheet HTML 7Page - RF Micro Devices RFDA0035 Datasheet HTML 8Page - RF Micro Devices RFDA0035 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFDA0035
DS110329
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0
4
8
12
16
20
24
28
32
Attenuation State (dB)
Relative Phase ° Related to Max Gain Step
50MHz
100MHz
180MHz
300MHz
30
32
34
36
38
40
42
44
46
48
50
-3
-1
1
3
5
Output Power (dBm)
Max Gain Output IP3 (dBm) versus P
OUT, Frequency 180MHz
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
Input Return Loss (dB) versus Frequency
0dB
1dB
2dB
4dB
8dB
16dB
31dB
30
32
34
36
38
40
42
44
46
48
50
-3
-1
1
3
5
Output Power (dBm)
25dB Attenuation State Output IP3 (dBm) versus POUT, Frequency 180MHz
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
Frequency (MHz)
Output Return Loss (dB) versus Frequency
0dB
1dB
2dB
4dB
8dB
16dB
31dB
30
32
34
36
38
40
42
44
46
48
50
50
100
150
200
250
300
Frequency (MHz)
Output IP3 (dBm) versus Frequency, POUT 5dBm/Tone
0dB
1dB
2dB
4dB
8dB
16dB
31dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com