Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 46 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 46 Page - Bourns Electronic Solutions

Back Button 4616M-R2R-503 Datasheet HTML 42Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 43Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 44Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 45Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 46Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 47Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 48Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 49Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 50Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Specifications are subject to change without notice.
322
FOR PRODUCT SPECIFICATIONS, SEE PAGES 307 AND 308.
Bus termination (in this case, RC termination technique)
considerably reduces overshoots and ringings.
Transmission lines require termination when the time it takes
the signal to travel from one end of the line to the other (the
propagation delay) amounts to 1/2 or more of the edge rate of
the signal (signal rise time or fall time). In other words, termina-
tion is required when:
Tpd > (1/2)Te
Te = edge rate
Tpd = propagation delay
Present high-speed logic families have typical rise times of 2
nanoseconds, while the propagation delay of a common PCB is
about 1.77 ns per foot. Applying the above relationship, a trans-
mission line will require termination if it is longer than 7 inches.
High performance systems will commonly need Bourns termi-
nation networks for CPU address, data, and control lines. In
addition, clock inputs, write and read strobe lines, chip select or
output enable lines of high speed devices such as static RAMs,
PROMs, and PLDs will also need termination networks.
TERMINATION
TYPICAL
ADDS
RESISTOR CAPACITOR
TECHNIQUE
POWER
DELAY
VALUE
VALUE
USAGE
RC
MEDIUM
NO
Zo
200-500pF
General Description
This series of RC Networks is designed to eliminate transmis-
sion line effects, such as signal reflections and ringing which
influence high speed CMOS. The Networks capacitor blocks
DC currents while acting as a short circuit during signal transmi-
tions, thus reducing power consumption. The capacitor also
holds the bus at the last logic level to avoid excessive currents.
Block Diagram Of CPU/BUS Configuration
Bus Termination Applications Of Bourns Networks
At high frequencies, the traces on a printed circuit board act
as transmission lines—in which impedance mismatches can
cause distortion of signals on that line. Terminating the lines
with resistor or resistor-capacitor networks provides the means
to match impedances and reduce signal distortion.
RC Terminator Networks 700 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com