Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button 4616M-R2R-503 Datasheet HTML 6Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 7Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 8Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 9Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 10Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 11Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 12Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 13Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
4100R Series - Thick Film Molded DIPs
Specifications are subject to change without notice.
286
AMBIENT TEMPERATURE ( C )
°
0
70
125
4.00
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
PACKAGE POWER TEMPERATURE
DERATING CURVE
4108R
4114R
4116R
4118R
4120R
PIN #1 REF.
4.57 + .12/ - .28
(.180 + .005/ - .007)
3.43 + .38/ - .25.
(135 + .015/ - .010)
MAX.
2.03
± .12
(.080
± .005)
2.54
± .25
(.100
± .010*)
.438
± .050
(.019
± .002)
1.65 + .12/ - .07
(.065 + .005/ - .003)
7.87
± .25
(.310
± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71
± .10
(.260 + .005)
(.260 - .000)
8.64
± .50
(.340
± .020)
.254
± .050
(.010
± .002)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
27.05
(1.065)
MAX.
24.51
(.965)
MAX.
21.97
(.865)
MAX.
19.43
(.765)
MAX.
11.81
(.465)
MAX.
8.40
(.331)
TYP.
.89
± .25
(.035
± .010)
TYP.
NON-ACCUM.
TYP.
PART
NUMBER
4114R-1-
152
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
Typical Part Marking
Represents total content. Layout may vary.
Product Characteristics
Resistance Range
......................10 ohms to 10 megohms
Maximum Operating Voltage...........100V
Temperature Coefficient of Resistance
50
Ω to 2.2 MΩ..................±100ppm/°C
below 50
Ω ........................±250ppm/°C
above 2.2 M
Ω...................±250ppm/°C
TCR Tracking ..........................50ppm/°C
maximum; equal values
Resistor Tolerance ................See circuits
Operating Temperature
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
Dielectric Withstanding Voltage
.............................................200 VRMS
Lead Solderability
.....Meet requirements of MIL-STD-202
Method 208
Environmental Characteristics
TESTS PER MIL-STD-202.........
∆R MAX.
Short Time Overload...................±0.25%
Load Life .....................................±1.00%
Moisture Resistance ...................±0.50%
Resistance to Soldering Heat
.................................................±0.25%
Terminal Strength........................±0.25%
Thermal Shock............................±0.25%
Physical Characteristics
Flammability .........Conforms to UL94V-0
Lead Frame Material
..........................Copper, solder coated
Body Material ..................Novolac epoxy
Package Power Rating at 70°C
4108R......................................1.69 watts
4114R......................................2.00 watts
4116R......................................2.25 watts
4118R......................................2.50 watts
4120R......................................2.80 watts
How To Order
41 14 R - 1 - 152
Model
(41 = Molded DIP)
Number of Pins
Physical Configuration
(R = Thick Film Low Profile)
Electrical Configuration
• 1 = Isolated
• 2 = Bussed
• 3 = Dual Terminator
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Consult factory for other available options.
Features
s
Compatible with automatic insertion
equipment
s
Superior package integrity
s
Marking on contrasting background for
permanent identification
Package Power Temp. Derating Curve
Product Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com